Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87373 Datasheet(PDF) 42 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 42 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 38Page - National Semiconductor (TI) PC87373 Datasheet HTML 39Page - National Semiconductor (TI) PC87373 Datasheet HTML 40Page - National Semiconductor (TI) PC87373 Datasheet HTML 41Page - National Semiconductor (TI) PC87373 Datasheet HTML 42Page - National Semiconductor (TI) PC87373 Datasheet HTML 43Page - National Semiconductor (TI) PC87373 Datasheet HTML 44Page - National Semiconductor (TI) PC87373 Datasheet HTML 45Page - National Semiconductor (TI) PC87373 Datasheet HTML 46Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 174 page
background image
3.0 Device Architecture and Configuration (Continued)
42
www.national.com
Revision 1.1
3.5 PROTECTION
The PC87373 device provides features to protect the hardware configuration from changes made by application software
running on the host.
The protection is activated by the software setting a “sticky” lock bit. Each lock bit protects a group of configuration bits lo-
cated either in the same register or in different registers. When the lock bit is set, the lock bit and all the protected bits be-
come read only and cannot be further modified by the host through the LPC bus. All the lock bits are reset by Power-Up
reset, thus unlocking the protected configuration bits.
The bit locking protection mechanism is optional.
The protected groups of configuration bits are described below.
3.5.1
Multiplexed Pins Configuration Lock
Protects the configuration of all the multiplexed device pins.
Lock bit:
LOCKMCF in SIOCF1 register (Device Configuration).
Protected bits: IOWAIT in SIOCF1 register and all bits of the SIOCF2, SIOCF3 and SIOCF4 registers (Device Configura-
tion).
3.5.2
GPIO Ports Configuration Lock
Protects the configuration (but not the data) of all the GPIO Ports.
Lock bit:
LOCKGCF in SIOCF1 register (Device Configuration).
Protected bits for each GPIO Port: All bits of GPCFG1, GPEVR, GPCFG2 and GPMODE registers except LOCKCFP bit
(Device Configuration).
3.5.3
Fast Disable Configuration Lock
Protects the Fast Disable bits for all the Legacy modules.
Lock bit:
LOCKFDS in SIOCF6 register (Device Configuration).
Protected bits: All bits of the SIOCF6 register, except General-Purpose Scratch bits and GLOBEN bit in SIOCF1 register
(Device Configuration).
3.5.4
Clock Control Lock
Protects the Clock Generator control bits.
Lock bit:
HFCGEN in CLOCKCF register (Device Configuration).
Protected bits: All bits of the CLOCKCF register (Device Configuration).
3.5.5
GPIO Ports Lock
Protects the configuration and data of all the GPIO Ports.
Lock bit:
LOCKCFP in GPCFG1 register, for each GPIO Port (Device Configuration).
Protected bits for each GPIO Port: PUPCTL, OUTTYPE and OUTENA in GPCFG1 register; all bits of the GPCFG2 register
(Device Configuration); the corresponding bit (to the port pin) in GPDO and GPDIO registers (GPIO Ports).
3.5.6
Fan Speed Configuration Lock
Protects the Fan Speed Control and Monitor configuration bits.
Lock bit:
LOCKFCF in FSCMCF1 register (Device Configuration).
Protected bits: All bits of the FSCMCF1 and FSCMCF2 registers (Device Configuration).
3.5.7
SWC Configuration Lock
Protects the configuration of the SWC module, including the Keyboard and Mouse wake-up configuration.
Lock bit:
LOCKSCF in SWC_CTL register (System Wake-Up Control).
Protected bits: BLINK and GRN_YLW bits in the SLEDCTL register;
all bits of the SWC_CTL, ALEDCTL, LEDBLNK, XLEDCTL, KBDWKCTL, PS2CTL and
PS2KEY0
−7 registers (System Wake-Up Control).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com