Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87373 Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 24Page - National Semiconductor (TI) PC87373 Datasheet HTML 25Page - National Semiconductor (TI) PC87373 Datasheet HTML 26Page - National Semiconductor (TI) PC87373 Datasheet HTML 27Page - National Semiconductor (TI) PC87373 Datasheet HTML 28Page - National Semiconductor (TI) PC87373 Datasheet HTML 29Page - National Semiconductor (TI) PC87373 Datasheet HTML 30Page - National Semiconductor (TI) PC87373 Datasheet HTML 31Page - National Semiconductor (TI) PC87373 Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 174 page
background image
2.0 Power, Reset and Clocks (Continued)
28
www.national.com
Revision 1.1
Figure 1 shows the power state transitions:
2.1.3
Power Connection and Layout Guidelines
The PC87373 requires a power supply voltage of 3.3V
± 10% for both the V
DD3 and VSB3 supplies. The on-chip Core power
converter generates a voltage below 3V for the internal logic. The device is designed to operate with a Lithium backup bat-
tery supplying up to 3.6V. Therefore, it includes an internal current-limiting resistor on the VBAT input to prevent the battery
from shorting, as required by the UL regulations. If the system implementation does not require backup power for the
PC87373 device, the VBAT pin must be connected to VSS through an external pull-down resistor.
VDD3, VSB3, VCORF and VBAT use a common ground return marked VSS.
To obtain the best performance, bear in mind the following recommendations.
Ground Connection. The following items must be connected to the ground layer (VSS) as close to the device as possible:
The ground return (V
SS) pins
The decoupling capacitors of the Main power supply (V
DD3) pins
The decoupling capacitors of the Standby power supply (V
SB3) pins
Table 5. Power States and Related Power Planes
Power State
Main (VDD3)
Standby (VSB3)
Core (VCORF)
1
1. VCORF is generated from VSB3; therefore, both voltages are on or off at approximately the same time.
VBAT
Battery Fail2
2. This power state applies only to the SWC functions powered by VBAT.
On or Off
On or Off
On or Off
Off
Power Fail
Off
Off
Off
On or Off
Power Off
Off
On
On
On or Off
PowerOn
On
On
On
OnorOff
Illegal3
3. Operation is not guaranteed and register data may be corrupted. However, at power-on/off, the
device may temporarily enter this power state due to the different rise/fall times of the VDD3 and
VSB3 power supplies.
On
Off
Off
On or Off
VDD3, VSB3, VCORF On or Off
Battery Fail
VDD3, VSB3 and VCORF Off,
Power Fail
VDD3 Off,
Power Off
VDD3, VSB3, VCORF and VBAT On
Power On
VBAT On
VBAT Power-Up Reset
VSB3 On,
VDD3 On,
VBAT Off
VSB3 Off
VDD3 Off
VSB3 On
VBAT Off
VBAT On generates
VDD3 On
VBAT Off
VSB Power-Up Reset
VDD Power-Up Reset
and VBAT Off
VBAT On
VSB3, VCORF and VBAT On
VSB3 Off
VBAT On
VBAT On
VBAT Off
Figure 1. Power State Transitions
SWC functions powered by VBAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com