Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87373 Datasheet(PDF) 74 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 74 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 70Page - National Semiconductor (TI) PC87373 Datasheet HTML 71Page - National Semiconductor (TI) PC87373 Datasheet HTML 72Page - National Semiconductor (TI) PC87373 Datasheet HTML 73Page - National Semiconductor (TI) PC87373 Datasheet HTML 74Page - National Semiconductor (TI) PC87373 Datasheet HTML 75Page - National Semiconductor (TI) PC87373 Datasheet HTML 76Page - National Semiconductor (TI) PC87373 Datasheet HTML 77Page - National Semiconductor (TI) PC87373 Datasheet HTML 78Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 174 page
background image
5.0 General-Purpose Input/Output (GPIO) Ports (Continued)
74
www.national.com
Revision 1.1
The functionality of the GPIO port is divided into:
• Basic functionality: Includes configuration of, writing to and reading from the GPIO pins (described in Section 5.2)
• Enhanced functionality: Includes wake-up event detection and system notification (described in Section 5.3)
In addition, the GPIO port can be operated in one of the following modes:
• Separate Data I/O: Separate registers are available for Data In (GPDI) and for Data Out (GPDO) in addition to the Data
In/Out register (GPDIO) and to the enhanced functionality registers (GPEVST and GPEVEN).
• Common Data I/O: Only the Data In/Out register (GPDIO) is available.
5.2 BASIC FUNCTIONALITY
The basic functionality of each GPIO pin is based on four configuration bits and a bit slice of runtime registers GPDO and
GPDI (or GPDIO). The configuration and operation of a single pin GPIOXn (pin ‘n’ in port ‘X’) is shown in Figure 10.
Figure 10. GPIO Basic Functionality
5.2.1
Configuration Options
The GPCFG1 register controls the following basic configuration options, as shown in Figure 10:
• Port Direction: Controlled by Output Enable (bit 0).
• Output Type: Push-pull vs. open-drain; it is controlled by Output Buffer Type (bit 1) by enabling/disabling the upper tran-
sistor of the output buffer.
• Static Pull-Up: May be added to any type of port (input, open-drain or push-pull). It is controlled by Pull-Up Control (bit 2).
• Pin Lock: GPIO pin may be locked to prevent any changes in the output value and/or the output configuration. The lock
is controlled by bit 3. It disables writes to GPDO and GPDIO registers bits, to bits 3
−0 of GPCFG1 register (including the
Lock bit itself) and to bit 4 of GPCFG2 register.
Pin
Data Out
Data In
Output
Enable
Output
Lock
Type
Static
Pull-Up
Pull-Up
Enable
Push-Pull =1
Pull-Up
Control
Read Only
Read/Write
(Bit 3)
(Bit 2)
(Bit 1)
(Bit 0)
Lock
Lock
Lock
GPIO Pin Configuration Registers 1 and 2
(GPCFG1)
LPC Bus
VDD-Powered
Load
(Bit 4)
Lock
No_Vdd
(GPCFG2)
Pin
(GPDI)
(GPDO)
Lock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com