Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87373 Datasheet(PDF) 101 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 101 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 97Page - National Semiconductor (TI) PC87373 Datasheet HTML 98Page - National Semiconductor (TI) PC87373 Datasheet HTML 99Page - National Semiconductor (TI) PC87373 Datasheet HTML 100Page - National Semiconductor (TI) PC87373 Datasheet HTML 101Page - National Semiconductor (TI) PC87373 Datasheet HTML 102Page - National Semiconductor (TI) PC87373 Datasheet HTML 103Page - National Semiconductor (TI) PC87373 Datasheet HTML 104Page - National Semiconductor (TI) PC87373 Datasheet HTML 105Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 174 page
background image
6.0 System Wake-Up Control (SWC) (Continued)
101
www.national.com
Revision 1.1
6.4.7
General-Purpose Status 1 Register 3 (GPE1_STS_3)
This register contains “child” events 24-31 of the GPE1_STS register.
The status bits behave according to the Sticky Status Bit definition in the ACPI Specification (i.e., the bit is set when the level
of the hardware signal is high and is only cleared by the software writing 1 to it).
Power Well: VSB3
Location:
Offset 0Bh
Type:
R/W1C
1
RI2_EVT_STS (RI2 Event Status). Indicates that a telephone ring signal was received at Serial Port 2 and the
event was identified by the RI Wake-Up Detector. This bit is set by a high-to-low transition at the RI2 pin (see
Section 6.2.1 on page 81). Writing 1 clears this bit; writing 0 is ignored.
0: Inactive since last cleared (default)
1: A telephone ring signal was received at Serial Port 2
0
Reserved.
Bit
76543210
Name
Reserved
MOD_IRQ
_STS
MS_IRQ
_STS
KBD_IRQ
_STS
Reserved
Reset
00000000
Bit
Description
7-5
Reserved.
4
MOD_IRQ_STS (Modules IRQ Event Status). Indicates that an IRQ was generated by one of the Legacy
modules (FDC, Parallel Port, Serial Ports 1 and 2, and MIDI Port) or the Fan Speed Control and Monitor. This
bit is set only if the IRQ is enabled for wake-up (bit 4 of the Standard configuration register at index 70h) and
the related module is active; see Section 3.2.3 on page 36. Writing 1 clears this bit; writing 0 is ignored.
0: Inactive since last cleared (default)
1: An enabled IRQ from one of the Legacy modules or the Fan Speed Control and Monitor is active
3
MS_IRQ_STS (Mouse IRQ Event Status). Indicates that an IRQ was generated by the mouse interface section
of the KBC module. This bit is set only if the IRQ is enabled for wake-up (bit 4 of the Mouse Logical Device
configuration register at index 70h) and the KBC module is active (see Section 3.2.3 on page 36). Writing 1
clears this bit; writing 0 is ignored.
0: Inactive since last cleared (default)
1: An enabled IRQ from the mouse interface section of the KBC module is active
2
KBD_IRQ_STS (Keyboard IRQ Event Status). Indicates that an IRQ was generated by the keyboard interface
section of the KBC module. This bit is set only if the IRQ is enabled for wake-up (bit 4 of the Keyboard Logical
Device configuration register at index 70h) and the KBC module is active (see Section 3.2.3 on page 36). Writing
1 clears this bit; writing 0 is ignored.
0: Inactive since last cleared (default)
1: An enabled IRQ from the keyboard interface section of the KBC module is active
1-0
Reserved.
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com