Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87373 Datasheet(PDF) 105 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 105 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 101Page - National Semiconductor (TI) PC87373 Datasheet HTML 102Page - National Semiconductor (TI) PC87373 Datasheet HTML 103Page - National Semiconductor (TI) PC87373 Datasheet HTML 104Page - National Semiconductor (TI) PC87373 Datasheet HTML 105Page - National Semiconductor (TI) PC87373 Datasheet HTML 106Page - National Semiconductor (TI) PC87373 Datasheet HTML 107Page - National Semiconductor (TI) PC87373 Datasheet HTML 108Page - National Semiconductor (TI) PC87373 Datasheet HTML 109Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 174 page
background image
6.0 System Wake-Up Control (SWC) (Continued)
105
www.national.com
Revision 1.1
6.5 SYSTEM WAKE-UP CONTROL REGISTER BITMAP
Table 38. SWC Register Map with Base Address at Index 60h, 61h
Register
Bits
Offset
Mnemonic
76543210
00h
SLEDCTL
LED_OPT=01
Reserved
BLINK
GRN_YLW
Reserved
LED_OPT=other
Reserved
01h
SWC_CTL
LOCKSCF Reserved
GOOD_
BAT
Reserved
LAST_PW
R_STATE
LED_OPT
02h
ALEDCTL
LED_OPT=00
Reserved
LEDCFG
LEDPOL
Reserved
LEDMOD
XLEDCTL
LED_OPT=10
Reserved
SLP_S1
SW_CTL
Reserved
LED_OPT=other
Reserved
03h
LEDBLNK
LED_OPT=00
Reserved
GRNBLNK
Reserved
YLWBLNK
Reserved
LED_OPT=other
Reserved
04h
KBDWKCTL
KBDMODE
EVT3CFG
EVT2CFG
EVT1CFG
05h
PS2CTL
DISPAR
MSEVCFG
KBEVCFG
06h
KDSR
Keyboard Data
07h
MDSR
Reserved
Mouse Data
08h
PS2KEY0
Data Byte of Key
09h
PS2KEY1
Data Byte of Key
0Ah
PS2KEY2
Data Byte of Key
0Bh
PS2KEY3
Data Byte of Key
0Ch
PS2KEY4
Data Byte of Key
0Dh
PS2KEY5
Data Byte of Key
0Eh
PS2KEY6
Data Byte of Key
0Fh
PS2KEY7
Data Byte of Key



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com