Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87373 Datasheet(PDF) 107 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 107 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 103Page - National Semiconductor (TI) PC87373 Datasheet HTML 104Page - National Semiconductor (TI) PC87373 Datasheet HTML 105Page - National Semiconductor (TI) PC87373 Datasheet HTML 106Page - National Semiconductor (TI) PC87373 Datasheet HTML 107Page - National Semiconductor (TI) PC87373 Datasheet HTML 108Page - National Semiconductor (TI) PC87373 Datasheet HTML 109Page - National Semiconductor (TI) PC87373 Datasheet HTML 110Page - National Semiconductor (TI) PC87373 Datasheet HTML 111Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 174 page
background image
107
www.national.com
Revision 1.1
7.0
Fan Speed Control
This chapter describes a generic Fan Speed Control unit. One or more Fan Speed Control units are included in the Fan
Speed Control and Monitor (FSCM) module. For the specific implementation in this device, see Section 3.15.1 on page 67.
7.1 OVERVIEW
The Fan Speed Control is a programmable Pulse Width Modulation (PWM) generator. The PWM generator output is used
to control the fan power voltage, which is correlated to the fan speed. Converting a 0 to 100% duty cycle PWM signal to an
analog voltage range is performed by an external driver circuit, as shown in Figure 17. Some newer fans accept direct PWM
input without any external driver.
Figure 17. Fan Speed Control - System Configuration
7.2 FUNCTIONAL DESCRIPTION
The PWM generator operation is based on a PWM counter and two registers: the Fan Speed Control Pre-Scale register
(FCPSR), used to determine the overall cycle time (or the frequency) of the FANPWM output, and the Fan Speed Control
Duty Cycle register (FCDCR), used to determine the duty cycle of the FANPWM between 0 to 100%.
The PWM counter is an 8-bit, free-running counter that runs continuously in a cyclic manner, i.e., its cycle equals 256 clock
periods. The PWM output is high, as long as the count is lower than the FCDCR value and it flips to low as the counter ex-
ceeds that value. The duty cycle (expressed as a percentage) is therefore (FCDCR/256)*100. In particular, the PWM output
is continuously low when FCDCR=0; it is continuously high when FCDCR=FFh. The FANOUT output may be inverted by an
external configuration bit (FANCTL_INV in FSCMCF1 or FSCMCF2 register; see Section 3.15.3 on page 68 and Section
3.15.4 on page 69), in which case the FANPWM duty cycle is ([256-FCDCR]/256)*100.
The PWM counter clock is generated by dividing the input clock (either 24 MHz or 200 KHz), using a clock divider. The di-
vision factor, which must be between 1 and 124, is defined as PRE-SCALE +1, where PRE-SCALE is the binary value stored
in bits 6 to 0 of the FCPSR register. The resulting PWM output frequency is therefore:
(24 MHz or 200 kHz) / ([PRE-SCALE + 1]
* 256).
The default selection of 24 MHz input clock allows a programmable FANPWM frequency in the range of 756 Hz to
93.75 KHz. For lower frequencies, selecting the 200 KHz input clock allows a frequency range of 6 Hz to 781 Hz (see
Figure 18).
The FANPWM frequency must be selected, according to the fan type’s specific requirements, prior to enabling the Fan
Speed Control. The only register that must be changed at runtime to control the fan speed is the FCDCR register.
Warning! The contents of the FCPSR register must not be changed while the Fan Speed Control is enabled.
Fan Speed
Control
Fan
FANPWM
Control
External
Driver
24 MHz
(1-124)
PWM
FCDCR Register
(FCDCR > Counter)
FANPWM
FCPSR Register
Figure 18. Fan Speed Control - Simplified Diagram
O
0
1
200 KHz
Bit 7
Bits 6-0
PWM Output -
Counter
Comparator
0
1
FANCTL_INV
Clock
Divider
CLK_SEL
PRE-SCALE
DUTY-CYC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com