Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87373 Datasheet(PDF) 109 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 109 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 105Page - National Semiconductor (TI) PC87373 Datasheet HTML 106Page - National Semiconductor (TI) PC87373 Datasheet HTML 107Page - National Semiconductor (TI) PC87373 Datasheet HTML 108Page - National Semiconductor (TI) PC87373 Datasheet HTML 109Page - National Semiconductor (TI) PC87373 Datasheet HTML 110Page - National Semiconductor (TI) PC87373 Datasheet HTML 111Page - National Semiconductor (TI) PC87373 Datasheet HTML 112Page - National Semiconductor (TI) PC87373 Datasheet HTML 113Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 174 page
background image
7.0 Fan Speed Control (Continued)
109
www.national.com
Revision 1.1
7.3.3
Fan Speed Control Duty-Cycle Register (FCDCR)
This register controls the duty-cycle of the FANPWM signal. It is reset by hardware to FFh.
Power Well: VDD3
Location:
Device specific
Type:
R/W
7.4 FAN SPEED CONTROL REGISTER BITMAP
Bit
76
5
43210
Name
DUTY-CYC
Reset
1
1
1
11111
Bit
Description
7-0
DUTY-CYC (Duty-Cycle Value). The binary value of this 8-bit field determines the number of clock cycles (out
of a 256-cycle period) during which the PWM output is high (a high FANPWM is either equal to or the inverse
of the PWM output, depending on the FANCTL_INV configuration bit).
00h:
The PWM output is continuously low
01h - FEh: The PWM output is high for [DUTY-CYC] number of clock cycles and low for [256-DUTY-CYC]
number of clock cycles
FFh:
The PWM output is continuously high (default)
Table 41. Fans Speed Control Register Bitmap
Register
Bits
Offset
Mnemonic
76543210
Device Specific1
1. The location of this register is defined in Section 3.15.1 on page 67.
FCPSR
CLK_SEL
PRE-SCALE
Device Specific1
FCDCR
DUTY-CYC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com