Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87373 Datasheet(PDF) 113 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 113 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 109Page - National Semiconductor (TI) PC87373 Datasheet HTML 110Page - National Semiconductor (TI) PC87373 Datasheet HTML 111Page - National Semiconductor (TI) PC87373 Datasheet HTML 112Page - National Semiconductor (TI) PC87373 Datasheet HTML 113Page - National Semiconductor (TI) PC87373 Datasheet HTML 114Page - National Semiconductor (TI) PC87373 Datasheet HTML 115Page - National Semiconductor (TI) PC87373 Datasheet HTML 116Page - National Semiconductor (TI) PC87373 Datasheet HTML 117Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 174 page
background image
8.0 Fan Speed Monitor (Continued)
113
www.national.com
Revision 1.1
8.3.3
Fan Speed Monitor Threshold High Register (FMTHRH)
This register holds the high byte (bits 15-8) of the lowest permitted fan speed value. It is reset to FFh.
Power Well: VDD3
Location:
Device specific
Type:
R/W
8.3.4
Fan Speed Monitor Speed Low Register (FMSPRL)
This register contains the low byte (bits 7-0) of the current fan speed value, which is updated once per fan revolution. It is
reset to 00h. Whenever the FMSPRL register is read, the high byte of the FAN_SPD data is latched to save the current fan
speed value until FMSPRH register is read. Therefore, the FMSPRL register must be read first. When FMSPRL register is
read, SPD_RDY bit in FMCSR register is reset.
The FAN_SPD data is reset when one of the following conditions occurs:
q
System reset (see Section 2.2 on page 29).
q
The corresponding FANMON_EN bit in FSCMCF1 or FSCMCF2 register is reset to 0 (see Section 3.15.3 on page 68
and Section 3.15.4 on page 69).
Power Well: VDD3
Location:
Device specific
Type:
RO
Bit
76
5
43210
Name
THRSH_HIGH
Reset
1
1
1
11111
Bit
Description
7-0
THRSH_HIGH (Fan Speed Threshold Value - High). This field contains the high byte of the threshold for the
lowest permitted fan speed value; see Section 8.3.2 on page 112 for the description of this field.
Bit
76
5
43210
Name
FAN_SPD_LOW
Reset
0
0
0
00000
Bit
Description
7-0
FAN_SPD_LOW (Fan Speed Value - Low). This field contains the low byte of the current fan speed value. The
16-bit FAN_SPD data represents the number of clock cycles counted during one full revolution of the fan,
according to the setting of TPPR bit in FMCSR register. When SPD_RDY bit is set in FMCSR register,
FAN_SPD contains new speed data that has not yet been read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com