Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87373 Datasheet(PDF) 114 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 114 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 110Page - National Semiconductor (TI) PC87373 Datasheet HTML 111Page - National Semiconductor (TI) PC87373 Datasheet HTML 112Page - National Semiconductor (TI) PC87373 Datasheet HTML 113Page - National Semiconductor (TI) PC87373 Datasheet HTML 114Page - National Semiconductor (TI) PC87373 Datasheet HTML 115Page - National Semiconductor (TI) PC87373 Datasheet HTML 116Page - National Semiconductor (TI) PC87373 Datasheet HTML 117Page - National Semiconductor (TI) PC87373 Datasheet HTML 118Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 174 page
background image
8.0 Fan Speed Monitor (Continued)
114
www.national.com
Revision 1.1
8.3.5
Fan Speed Monitor Speed High Register (FMSPRH)
This register contains the high byte (bits 15-8) of the current fan speed value, which is updated once per fan revolution. It is
reset to 00h. FMSPRH register must be read last; see Section 8.3.4 on page 113.
Power Well: VDD3
Location:
Device specific
Type:
RO
8.3.6
Fan Speed Monitor Control and Status Register (FMCSR)
This register contains control and status bits of the Fan Speed Monitor unit. FMCSR is reset to 10h.
Power Well: VDD3
Location:
Device specific
Type:
Varies per bit
Bit
76
5
43210
Name
FAN_SPD_HIGH
Reset
0
0
0
00000
Bit
Description
7-0
FAN_SPD_HIGH (Fan Speed Value - High). This field contains the high byte of the current fan speed value.
See Section 8.3.4 on page 113 for the description of this field.
Bit
76543210
Name
TPPR
Reserved
FILTER_DIS
IRQ_EN
OVFLOW
OVR_THR
SPD_RDY
Reset
00010000
Bit
Type
Description
7
R/W
TPPR (Tachometer Pulses Per Revolution). This bit selects the number of pulses per fan revolution
generated by the tachometer and thus the division factor of the incoming pulses at the FANTACH pin.
0: Two pulses per revolution: division by 2 (default)
1: One pulse per revolution: no division
To prevent unpredictable results, the value of this bit can only be changed when the corresponding
FANMON_EN bit in FSCMCF1 or FSCMCF2 register is reset to 0 (see Section 3.15.3 on page 68 and Sec-
tion 3.15.4 on page 69).
6-5
Reserved.
4
R/W
FILTER_DIS (Filter Disable). When this bit is set to 1, the digital Low Pass Filter on the FANTACH
input is disabled.
0: Digital Low Pass Filter enabled
1: Digital Low Pass Filter disabled (default)
To prevent unpredictable results, the value of this bit can only be changed when the corresponding
FANMON_EN bit in FSCMCF1 or FSCMCF2 register is reset to 0 (see Section 3.15.3 on page 68 and Sec-
tion 3.15.4 on page 69).
3
R/W
IRQ_EN (Fan Interrupt Enable). This bit controls the routing of Overflow and Over Threshold events to
the FSCM module interrupt.
0: Interrupt disabled (default)
1: Interrupt enabled. An interrupt is asserted when either OVR_THR bit or OVFLOW bit is set to 1.
2
R/W1C OVFLOW (Overflow). This bit indicates that the number of clock cycles counted during one full
revolution of the fan exceeds 65536 (FFFFh) clocks. This is equivalent to a fan speed slower than
29.3 RPM. At this speed, fan cooling is inefficient; therefore, the fan is considered stopped and an
interrupt (if enabled) is issued. Writing 1 to this bit clears it to 0.
0: No overflow occurred since the last time this bit was cleared by writing 1 (default)
1: Counter overflow (FFFFh) occurred



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com