Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87373 Datasheet(PDF) 118 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 118 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 114Page - National Semiconductor (TI) PC87373 Datasheet HTML 115Page - National Semiconductor (TI) PC87373 Datasheet HTML 116Page - National Semiconductor (TI) PC87373 Datasheet HTML 117Page - National Semiconductor (TI) PC87373 Datasheet HTML 118Page - National Semiconductor (TI) PC87373 Datasheet HTML 119Page - National Semiconductor (TI) PC87373 Datasheet HTML 120Page - National Semiconductor (TI) PC87373 Datasheet HTML 121Page - National Semiconductor (TI) PC87373 Datasheet HTML 122Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 174 page
background image
9.0 Glue Functions (Continued)
118
www.national.com
Revision 1.1
9.2.2
Highest Active Standby Supply Reference
This function generates the REF5V_STBY analog output signal (see specification in Section 13.2.10 on page 155). When
the Standby power supply is turned on or off, the REF5V_STBY signal tracks either the VSB3 or VSB5 power supplies, which-
ever has a higher voltage.
The circuit that generates the REF5V_STBY output is composed of two parts:
q
One part tracks the VSB3 supply voltage and is implemented in the PC87373 device.
q
One part tracks the VSB5 supply voltage and is implemented by an external resistor connected to the VSB5 power
supply.
Figure 23 shows a simplified diagram of the circuit that generates the REF5V_STBY analog output signal
Figure 23. REF5_STBY Generation (Simplified Diagram)
The voltage levels at both sides of switch “S” are measured by the comparator (“Comp”), which controls the state of the
switch as follows:
q
If VA >VB, then VSB3 >VSB5; the switch is closed and the output voltage VREF5V_STBY =VSB3
q
If VA <VB, then VSB3 <VSB5; the switch is open and the output voltage VREF5V_STBY=VSB5, through the external 1
K
Ω resistor, is connected to the V
SB5 power supply
The internal circuit is powered from the VSB3 supply. For VSB3 <VSO, switch “S” is open; therefore, the VREF5V_STBY output
tracks only the VSB5 supply. Figure 24 shows the behavior of the REF5V_STBY output in four cases of VSB3 and VSB5 ramp
up and ramp down.
VSB5
1 K
Pin
VSB3
REF5V_STBY
A
B
Comp
S
0.1-1
µF
PC87373



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com