Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87373 Datasheet(PDF) 116 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 116 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 112Page - National Semiconductor (TI) PC87373 Datasheet HTML 113Page - National Semiconductor (TI) PC87373 Datasheet HTML 114Page - National Semiconductor (TI) PC87373 Datasheet HTML 115Page - National Semiconductor (TI) PC87373 Datasheet HTML 116Page - National Semiconductor (TI) PC87373 Datasheet HTML 117Page - National Semiconductor (TI) PC87373 Datasheet HTML 118Page - National Semiconductor (TI) PC87373 Datasheet HTML 119Page - National Semiconductor (TI) PC87373 Datasheet HTML 120Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 174 page
background image
116
www.national.com
Revision 1.1
9.0
Glue Functions
This chapter describes the glue functions integrated in the PC87373 device.
9.1 OVERVIEW
This module contains 11 glue functions. Most of them operate independently of the other functions and of the other modules
in the PC87373 device.
The 11 glue functions are divided into three groups:
Power-related functions:
— Highest active Main supply reference (REF5V)
— Highest active Standby supply reference (REF5V_STBY)
— Resume reset (RSMRST)
— Main power good (PWRGD_3V)
— Rambus SCK clock gate control (SCK_BJT_GATE)
— Power distribution control (BKFD_CUT, LATCHED_BF_CUT)
— Main power supply control (PS_ON)
Miscellaneous functions:
— CNR downstream codec dynamic control (CDC_DWN_RST)
— Hard-disk LED indicator control (HD_LED)
SMBus support functions:
— SMBus voltage translation (3V_DDCSCL, 3V_DDCSDA, 5V_DDCSCL, 5V_DDCSDA)
— SMBus isolation (SMB1_SCL, SMB1_SDA, SMB2_SCL, SMB2_SDA)
Each function is described in the following sections.
9.2 FUNCTIONAL DESCRIPTION
9.2.1
Highest Active Main Supply Reference
This function generates the REF5V analog output signal (see specification in Section 13.2.10 on page 155). When the Main
power supply is turned on or off, the REF5V signal tracks either the VDD3 or VDD5 power supplies, whichever has a higher
voltage.
The circuit that generates the REF5V output is composed of two parts:
q
One part tracks the VDD3 supply voltage and is implemented in the PC87373 device.
q
One part tracks the VDD5 supply voltage and is implemented by an external resistor connected to the VDD5 power
supply.
Figure 21 shows a simplified diagram of the circuit that generates the REF5V analog output signal
Figure 21. REF5 Generation (Simplified Diagram)
VDD5
1 K
Pin
VDD3
REF5V
A
B
Comp
S
0.1-1
µF
PC87373



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com