Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87373 Datasheet(PDF) 115 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 115 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 111Page - National Semiconductor (TI) PC87373 Datasheet HTML 112Page - National Semiconductor (TI) PC87373 Datasheet HTML 113Page - National Semiconductor (TI) PC87373 Datasheet HTML 114Page - National Semiconductor (TI) PC87373 Datasheet HTML 115Page - National Semiconductor (TI) PC87373 Datasheet HTML 116Page - National Semiconductor (TI) PC87373 Datasheet HTML 117Page - National Semiconductor (TI) PC87373 Datasheet HTML 118Page - National Semiconductor (TI) PC87373 Datasheet HTML 119Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 174 page
background image
8.0 Fan Speed Monitor (Continued)
115
www.national.com
Revision 1.1
8.4 FAN SPEED MONITOR REGISTER BITMAP
1
R/W1C OVR_THR (Over Threshold). This bit indicates that the FAN_SPD value (current speed) is higher than
the THRSH value. This is equivalent to a fan speed slower than [60
∗ 32000 / THRSH] RPM. At this
speed, the fan cooling is less efficient; therefore, an interrupt (if enabled) is issued. Writing 1 to this bit
clears it to 0.
0: No Over Threshold occurred since the last time this bit was cleared by writing 1 (default)
1: FAN_SPD value is higher than THRSH value
0RO
SPD_RDY (Speed Data Ready). This bit indicates that the FAN_SPD data contains a new current
speed value that has not yet been read. SPD_RDY is set to 1 on each “active” tachometer pulse (after
the division selected by TPPR bit) received at the FANTACH input, starting from the third “active” pulse,
if OVR_THR bit is 0. SPD_RDY is cleared to 0 whenever FMSPRL register is read or when OVFLOW
bit is set.
0: The FAN_SPD data is either invalid or has already been read (default)
1: FAN_SPD data contains a new value
Table 43. Fan Speed Monitor Register Bitmap
Register
Bits
Offset1
1. The location of these registers is defined in Section 3.15.1 on page 67.
Mnemonic
76543210
Device Specific
FMTHRL
THRSH_LOW
Device Specific
FMTHRH
THRSH_HIGH
Device Specific
FMSPRL
FAN_SPD_LOW
Device Specific
FMSPRH
FAN_SPD_HIGH
Device Specific
FMCSR
TPPR
Reserved
FILTER
_DIS
IRQ_EN
OVFLOW OVR_THR SPD_RDY
Bit
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com