Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87373 Datasheet(PDF) 121 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 121 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 117Page - National Semiconductor (TI) PC87373 Datasheet HTML 118Page - National Semiconductor (TI) PC87373 Datasheet HTML 119Page - National Semiconductor (TI) PC87373 Datasheet HTML 120Page - National Semiconductor (TI) PC87373 Datasheet HTML 121Page - National Semiconductor (TI) PC87373 Datasheet HTML 122Page - National Semiconductor (TI) PC87373 Datasheet HTML 123Page - National Semiconductor (TI) PC87373 Datasheet HTML 124Page - National Semiconductor (TI) PC87373 Datasheet HTML 125Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 174 page
background image
9.0 Glue Functions (Continued)
121
www.national.com
Revision 1.1
Table 46 defines the DC characteristics of the Resume Reset circuit. For the AC characteristics, see Resume Reset on
page 170.
9.2.4
Main Power Good
This function generates the PWRGD_3V signal, indicating that the Main power supply voltage is valid and the reset button
on the front panel is not pressed. The PWRGD_3V signal indicates to system components that their input power supplies
are valid.
The FPRST input is debounced for at least tDB before entering the Main Power Good circuit, to ensure that the signal is
stable. The debouncer adds a tDB delay to the PWRGD_3V output change in output caused by the FPRST input. The de-
bouncer timing is based on the 32 KHz clock domain, which therefore must be valid to enable the correct operation of the
Power Good function.
The PWRGD_3V is the AND function of the PWRGD_PS and FPRST inputs. Figure 26 shows a simplified diagram of the
circuit that generates the PWRGD_3V signal.
Figure 26. PWRGD_3V Generation (Simplified Diagram)
For the AC characteristics, see Main Power Good on page 171.
9.2.5
Rambus SCK Clock Gate Control
This function generates the SCK_BJT_GATE signal, which controls an external circuit that gates the SCK clock to the Ram-
bus socket.
The SCK clock to the Rambus socket is disabled by an active high SCK_BJT_GATE signal, generated when either the Main
power supply voltage is not valid or the reset button on the front panel is pressed (PWRGD_3V = low).
Figure 27 shows a simplified diagram of the circuit that generates the SCK_BJT_GATE signal.
Figure 27. SCK_BJT_GATE Generation (Simplified Diagram)
For the AC characteristics, see CNR Downstream Codec Dynamic Control on page 172.
Table 46. Resume Reset Circuit DC Characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
VTRIP
VSB5 Threshold Level
VSB3 = 3.3V ±10%
4.05
4.5
V
ZOFF
Output Impedance at VSB3 Off
1
1. Not tested. Guaranteed by characterization.
VSB3 = 0V,
VSB5 =5V ±10%
TBD
TBD
K
FPRST
Input
Debouncer
PWRGD_PS
PWRGD_3V
1 K
SCK_BJT_GATE
VSB5
Pin
PWRGD_3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com