Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87373 Datasheet(PDF) 128 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87373
Description  LPC SuperI/O with Glue Functions
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87373 Datasheet(HTML) 128 Page - National Semiconductor (TI)

Back Button PC87373 Datasheet HTML 124Page - National Semiconductor (TI) PC87373 Datasheet HTML 125Page - National Semiconductor (TI) PC87373 Datasheet HTML 126Page - National Semiconductor (TI) PC87373 Datasheet HTML 127Page - National Semiconductor (TI) PC87373 Datasheet HTML 128Page - National Semiconductor (TI) PC87373 Datasheet HTML 129Page - National Semiconductor (TI) PC87373 Datasheet HTML 130Page - National Semiconductor (TI) PC87373 Datasheet HTML 131Page - National Semiconductor (TI) PC87373 Datasheet HTML 132Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 174 page
background image
10.0 Game Port (GMP) (Continued)
128
www.national.com
Revision 1.1
10.3 GAME PORT REGISTERS
The following abbreviations are used to indicate the Register Type:
q
R/W
= Read/Write.
q
R
= Read from register (write to the same address is to a different register).
q
W
= Write (see above).
q
RO
= Read Only.
q
WO
= Write Only. Reading from the bit returns 0.
q
R/W1C = Read/Write 1 to Clear. Writing 1 to a bit clears it to 0. Writing 0 has no effect.
q
R/W1S = Read/Write 1 to Set. Writing 1 to a bit sets its value to 1. Writing 0 has no effect.
10.3.1 Game Port Register Map
The following table lists the Game Port registers. For the Game Port register bitmap, see Section 10.4 on page 129. The
Game Port registers are VDD3 powered.
10.3.2 Game Port Status Register (GMPST)
Reading this register returns the status and the state of Device A and B button and Axis pins, as defined in the table below.
Writing to the offset of this register initiates a game device position reading process by forcing a low pulse to be driven on
the axis pins.
Power Well: VDD3
Location:
Offset 00h
Type:
RO
Table 47. Game Port Register Map
Offset
Mnemonic
Register Name
Type
Power Well
00h
GMPST
Game Port Status
RO
VDD3
Bit
76543210
Name
Device B
Button 1
Pin Status
Device B
Button 0
Pin Status
Device A
Button 1
Pin Status
Device A
Button 0
Pin Status
Device B
Y-Axis Pin
Status
Device B
X-Axis Pin
Status
Device A
Y-Axis Pin
Status
Device A
X-Axis Pin
Status
Reset
XXXXXXXX
Bit
Type
Description
7RO
Device B Button 1 Pin Status. This bit directly reflects the status of Device B Button 1 input pin.
0: Low
1: High
6RO
Device B Button 0 Pin Status. This bit directly reflects the status of Device B Button 0 input pin.
0: Low
1: High
5RO
Device A Button 1 Pin Status. This bit directly reflects the status of Device A Button 1 input pin.
0: Low
1: High
4RO
Device A Button 0 Pin Status. This bit directly reflects the status of Device A Button 0 input pin.
0: Low
1: High
3RO
Device B Y-Axis Pin Status. This bit reflects the state of Device B Y-axis input pin.
0: JOYBY pin is driven low
1: JOYBY pin is released for charging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com