Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5021 Datasheet(PDF) 34 Page - Richtek Technology Corporation

Part # RT5021
Description  Channels DC/DC PMU with Li-ion Battery Charger
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5021 Datasheet(HTML) 34 Page - Richtek Technology Corporation

Back Button RT5021 Datasheet HTML 30Page - Richtek Technology Corporation RT5021 Datasheet HTML 31Page - Richtek Technology Corporation RT5021 Datasheet HTML 32Page - Richtek Technology Corporation RT5021 Datasheet HTML 33Page - Richtek Technology Corporation RT5021 Datasheet HTML 34Page - Richtek Technology Corporation RT5021 Datasheet HTML 35Page - Richtek Technology Corporation RT5021 Datasheet HTML 36Page - Richtek Technology Corporation RT5021 Datasheet HTML 37Page - Richtek Technology Corporation RT5021 Datasheet HTML 38Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 67 page
background image
RT5021
34
DS5021-01 April 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
CH8 : Low Voltage LDO
CH8 is a low voltage LDO and its output voltage is controlled by I2C interface. It supplies for multiple purpose power. The
output voltage of CH8 can be adjusted by the I2C interface in the range of 1.1V to 3.3V.
CH8 regulation voltage can be selected by I
2
C interface. The default voltage is 2.8V.
Code
Voltage
Code
Voltage
Code
Voltage
Code
Voltage
0000
Switch
0001
1.1V
0010
1.2V
0011
1.3V
0100
1.4V
0101
1.5V
0110
1.6V
0111
1.7V
1000
1.8V
1001
2V
1010
2.2V
1011
2.5V
VOUT8 [3:0]
1100
2.8V
1101
3.1V
1110
3.2V
1111
3.3V
RTC_LDO : Accuracy 3.05V LDO Output.
The RT5021 provides a 3.05V output LDO for real-time clock. The LDO features low quiescent current (3
μA), reverse
leakage prevention from output node and high output voltage accuracy. This LDO is always on, even when the system is
shut down. For better stability, it is recommended to connect a 0.1
μF capacitor to the RTCPWR pin. The RTC LDO
includes pass transistor body diode control to avoid the RTCPWR node from back-charging into the input node VDDI.
Switching Frequency
The converters of CH1, CH3, CH4 and CH5 operate in PWM mode with 2MHz switching frequency. The converters of
CH2 and CH7 operates in PWM mode with 1MHz switching frequency.
Power On/Off Sequence and deglitch function for CH1 to CH4
SEQ pull down resistance RSEQ Defines power on/off sequence.
RSEQ (kΩ) Range
SEQ#
M in
Typ
Max
SEQ #0
Short to Power (>0.2V)
SEQ #1
25
40
64
SEQ #2
6.25
10
16
SEQ #3
1.56
2.5
4
SEQ #4
--
0.63
1
SEQ #5
100
160
--
SEQ # 0 : CH2
CH3
CH4
(CH1 is decided by register A4 bit3.)
SEQ # 1 : CH1 CH3 CH2 CH4
SEQ # 2 : CH1 CH3 CH4 CH2
SEQ # 3 : CH1 CH2 CH4 CH3
SEQ # 4 : CH1 CH4 CH3 CH2
SEQ # 5 : CH1 CH4 CH2 CH3
Floating = resistance greater than 160k
Ω
Ω
Ω
Ω
Ω = SEQ#5
The power on sequence of CH1 to CH4 is shown below :
(Using SEQ #3 : CH1 CH2 CH4 CH3 to explain)
When EN1234 goes high, CH1 will be turned on first then CH2 will be turned on after CH1 turn on for 10msec, likewise,
CH4 will be turned on after CH2 turns on for 10msec. Finally, CH3 is turned on after CH4 turns on for 10msec. The soft-
start time is 4msec for each channel.
The power off sequence of CH1 to CH4 is :
When EN1234 goes low, CH3 will turn off first and internally discharge output via LX3 pin. When FB3 < 0.1V, CH4 will
turn off and also internally discharge output via the LX4 pin. When FB4 < 0.1V, CH2 will turn off and internally discharge
output via the LX2 pin. Likewise, when FB2 < 0.1V, CH1 will turn off and discharge output. After FB1 < 0.1V, CH1 to CH4
shutdown sequence is completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com