Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5021 Datasheet(PDF) 33 Page - Richtek Technology Corporation

Part # RT5021
Description  Channels DC/DC PMU with Li-ion Battery Charger
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5021 Datasheet(HTML) 33 Page - Richtek Technology Corporation

Back Button RT5021 Datasheet HTML 29Page - Richtek Technology Corporation RT5021 Datasheet HTML 30Page - Richtek Technology Corporation RT5021 Datasheet HTML 31Page - Richtek Technology Corporation RT5021 Datasheet HTML 32Page - Richtek Technology Corporation RT5021 Datasheet HTML 33Page - Richtek Technology Corporation RT5021 Datasheet HTML 34Page - Richtek Technology Corporation RT5021 Datasheet HTML 35Page - Richtek Technology Corporation RT5021 Datasheet HTML 36Page - Richtek Technology Corporation RT5021 Datasheet HTML 37Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 67 page
background image
RT5021
33
DS5021-01 April 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
CH5 : Step-Down Synchronous DC/ DC Converter
The step-down synchronous DC/ DC converter includes internal power MOSFETs and compensation network. They can
be operated at 100% maximum duty cycle to extend battery operating voltage range. When the input voltage is close to
the output voltage, the converter enters low dropout mode with low output ripple. The output voltage can be selected as
the following list or set by external feedback network.
CH5 regulation voltage can be selected by I
2C interface. The default voltage is 1.8V.
Code
Voltage
Code
Voltage
Code
Voltage
Code
Voltage
0000
REF
0001
1.1V
0010
1.2V
0011
1.3V
0100
1.4V
0101
1.5V
0110
1.6V
0111
1.7V
1000
1.8V
1001
2V
1010
2.2V
1011
2.3V
1100
2.5V
1101
2.6V
1110
2.7V
1111
2.8V
VOUT5 [3:0]
Note : VOUT5 [3:0] = 0000 (REF) means using external feedback network and FB5
regulation target is 0.8V
± 1.5%
CH6 : Low Voltage LDO
CH6 is a low voltage LDO and its output voltage is controlled by I
2C interface. This supplies the multiple purpose power.
The output voltage of CH6 can be adjusted by the I
2C interface in the range of 1.1V to 3.3V.
CH6 regulation voltage can be selected by I
2C interface. The default voltage is 1.3V.
Code
Voltage
Code
Voltage
Code
Voltage
Code
Voltage
0000
Switch
0001
1.1V
0010
1.2V
0011
1.3V
0100
1.4V
0101
1.5V
0110
1.6V
0111
1.7V
1000
1.8V
1001
2V
1010
2.2V
1011
2.5V
VOUT6 [3:0]
1100
2.8V
1101
3.1V
1110
3.2V
1111
3.3V
CH7 : Current Source/Step-Up WLED Driver
The WLED drivers operating in either current source mode or synchronous step-up mode include internal power MOSFET
and compensation network. The operation mode is determined by setting I2C. The P-MOSFET in step-up mode can be
controlled to disconnect the output loading.
When CH7 works in current source mode, it likes a LDO and regulates the current by FB7 voltage. The LED current is
defined by the FB7 voltage as well as the external resistor between FB7 and GND. The FB7 regulation voltage can be set
in 31 steps from 8mV to 250mV. If CH7 works in synchronous step-up mode, it can support an output voltage up to 15V
or 21V controlled by I2C interface. The LED current is also set via an external resistor and FB7 regulation voltage.
The WLED current can be set by the following equation :
ILED (mA) = [250mV / R (
Ω)] x EN7_DIM7 [4:0] / 31
Where R is the current sense resistor from FB7 to GND and EN7_DIM7 [4:0] / 31 ratio refers to the I2C control register
file.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com