Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5021 Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT5021
Description  Channels DC/DC PMU with Li-ion Battery Charger
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5021 Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT5021 Datasheet HTML 6Page - Richtek Technology Corporation RT5021 Datasheet HTML 7Page - Richtek Technology Corporation RT5021 Datasheet HTML 8Page - Richtek Technology Corporation RT5021 Datasheet HTML 9Page - Richtek Technology Corporation RT5021 Datasheet HTML 10Page - Richtek Technology Corporation RT5021 Datasheet HTML 11Page - Richtek Technology Corporation RT5021 Datasheet HTML 12Page - Richtek Technology Corporation RT5021 Datasheet HTML 13Page - Richtek Technology Corporation RT5021 Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 67 page
background image
RT5021
10
DS5021-01 April 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
VO2
−LX2B,
P-MOSFET, VO2 = 3.3V
--
200
300
m
Ω
On Resistance of MOSFET
RDS(ON)_2B
LX2B
− GND,
N-MOSFET VO2 = 3.3V
--
150
250
m
Ω
Current Limitation
ILIM_2
Both P-MOSFET (PVD2
− LX2A)
and N-MOSFET (LX2B
− GND)
2
2.5
3
A
Over Voltage Protection at VO2
5.82
6
6.18
V
Under Voltage Protection at FB2
Target voltage is the chosen one
in A4.FB2 [2:0]
--
0.4
--
V
Over Load Protection at FB2
--
Target
− 0.1
--
V
Off Discharge Current at VO2
VO2 = 3.3V, SYS = 3.3V
--
20
--
mA
Discharge Finishing Threshold at
VO2
--
0.1
--
V
CH3 LV Sync Step-Down
Feedback Regulation Voltage at
FB3
A5.FB3 [2:0] = 3’b100
0.788
0.8
0.812
V
Minimum On Time for PSM
--
50
--
ns
Maximum Duty Cycle
FB3 = 0.75V
--
--
100
%
Soft-Start Time
FB3 = 0 to 0.8V
--
4
--
ms
RDS(ON)_P
P-MOSFET, PVD3 = 3.3V
--
200
300
m
Ω
On Resistance of MOSFET
RDS(ON)_N N-MOSFET, PVD3 = 3.3V
--
150
250
m
Ω
Current Limitation
ILIM_3
1.3
1.8
2.4
A
Under Voltage Protection at FB3
0.35
0.4
0.45
V
Over Load Protection at FB3
Target voltage is the chosen one
in A5.FB3 [2:0]
--
Target
− 0.1
--
V
Off Discharge Current at LX3
LX3 = 1V, SYS = 3.3V
--
20
--
mA
Discharge Finishing Threshold at
FB3
--
0.1
--
V
CH4 LV Sync Step-Down
Feedback Regulation Voltage at
FB4
A5.FB4 [2:0] = 3’b100
0.788
0.8
0.812
V
Minimum On Time for PSM
--
50
--
ns
Maximum Duty Cycle
FB4 = 0.75V
--
--
100
%
Soft-Start Time
FB4 = 0 to 0.8V
--
4
--
ms
RDS(ON)_P
P-MOSFET, PVD4 = 3.3V
--
300
400
m
Ω
On Resistance of MOSFET
RDS(ON)_N N-MOSFET, PVD4 = 3.3V
--
200
300
m
Ω
Current Limitation
ILIM_4
1.3
1.8
2.4
A
Under Voltage Protection at FB4
0.35
0.4
0.45
V
Over Load Protection at FB4
Target voltage is the chosen one
in A5.FB4 [2:0]
--
Target
− 0.1
--
V
Off Discharge Current at LX4
LX4 = 1V, SYS = 3.3V
--
20
--
mA
Discharge Finishing Threshold at
FB4
--
0.1
--
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com