Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5021 Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT5021
Description  Channels DC/DC PMU with Li-ion Battery Charger
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5021 Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT5021 Datasheet HTML 7Page - Richtek Technology Corporation RT5021 Datasheet HTML 8Page - Richtek Technology Corporation RT5021 Datasheet HTML 9Page - Richtek Technology Corporation RT5021 Datasheet HTML 10Page - Richtek Technology Corporation RT5021 Datasheet HTML 11Page - Richtek Technology Corporation RT5021 Datasheet HTML 12Page - Richtek Technology Corporation RT5021 Datasheet HTML 13Page - Richtek Technology Corporation RT5021 Datasheet HTML 14Page - Richtek Technology Corporation RT5021 Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
RT5021
11
DS5021-01 April 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
CH5 LV Sync Step-Down
Target voltage defined at A6.VOUT5
[3:0] = 4’b1000 to 4’b1111
−1.5
--
1.5
%
Output Voltage Accuracy at
VO5
Target voltage defined at A6.VOUT5
[3:0] = 4’b0001 to 4’b0111
−2
--
2
%
Feedback Regulation Voltage
at FB5
A6.VOUT5 [3:0 ] = 4’b0000
0.788
0.8
0.812
V
Maximum Duty Cycle
--
--
100
%
Soft-Start Time
VO5 = 0V to Target
--
4
--
ms
RDS(ON)_P P-MOSFET, PVD5 = 3.3V
--
400
550
m
Ω
On Resistance of MOSFET
RDS(ON)_N N-MOSFET, PVD5 = 3.3V
--
250
400
m
Ω
Current Limitation
ILIM_5
1
1.5
2
A
Under Voltage Protection at
VO5
--
Target
x 0.5
--
Target voltage is the chosen one in
A6.VOUT5 [3:0] = 0000 (FB5 = 0.8)
--
Target
− 0.1
--
Target voltage is the chosen one in
A6.VOUT5 [3:0] = 0001 to 0111
--
Target
− 0.167
--
Over Load Protection at VO5
Target voltage is the chosen one in
A6.VOUT5 [3:0] = 0111 to 1111
--
Target
− 0.25
--
V
Off Discharge Current at VO5
VO5 = 1.8V, SYS = 3.3V
--
30
--
mA
Discharge Finishing Threshold
at VO5
--
0.1
--
V
CH6 LDO
Input Voltage Range (PVD6)
1.5
--
5.5
V
Quiescent Current into PVD6
PVD6 = 3.3V, IOUT = 0mA
--
--
75
μA
A6.VOUT6 [3:0] = 4’b1000 to
4’b1111
−1.5
--
1.5
%
Regulation Voltage Accuracy
at VO6
A6.VOUT6 [3:0] = 4’b0000 to
4’b0111
-2
--
2
%
Drop Out Voltage
(PVD6-VO6)
IOUT = 300mA, VO6 = 1.3V
--
--
0.15
V
PSRR+
IOUT = 10mA, PVD6 = 3.3V at 1kHz
--
−60
--
dB
Max Output Current
(Current Limit)
PVD6 = 1.5V, VO6 = 1.3V
300
450
600
mA
Off Discharge Current at VO6
SYS = 3.3V
--
--
10
mA
CH7 WLED Driver
Feedback Regulation Voltage
at FB7
(Both Step-Up and Current)
A2.EN7_DIM7 [4:0] = 5’b11111
0.237
0.25
0.263
V
Minimum On Time for PSM
(Step-Up)
--
300
--
ns
Maximum Duty Cycle
(Step-Up mode)
FB7 = 0.15V
91
93
97
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com