Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5021 Datasheet(PDF) 31 Page - Richtek Technology Corporation

Part # RT5021
Description  Channels DC/DC PMU with Li-ion Battery Charger
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5021 Datasheet(HTML) 31 Page - Richtek Technology Corporation

Back Button RT5021 Datasheet HTML 27Page - Richtek Technology Corporation RT5021 Datasheet HTML 28Page - Richtek Technology Corporation RT5021 Datasheet HTML 29Page - Richtek Technology Corporation RT5021 Datasheet HTML 30Page - Richtek Technology Corporation RT5021 Datasheet HTML 31Page - Richtek Technology Corporation RT5021 Datasheet HTML 32Page - Richtek Technology Corporation RT5021 Datasheet HTML 33Page - Richtek Technology Corporation RT5021 Datasheet HTML 34Page - Richtek Technology Corporation RT5021 Datasheet HTML 35Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 67 page
background image
RT5021
31
DS5021-01 April 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Application Information
Power Converter Unit
The RT5021 is an integrated power solution for digital still cameras and other small handheld devices. It includes six DC/
DC converters, a WLED driver, two low output LDO, a RTC LDO, and a fully integrated single-cell Li-ion battery charger
that is ideal for portable applications.
CH1 : Synchronous Step-Up DC/DC Converter
The synchronous step-up DC/DC converter can be operated in either PFM or Sync-PWM mode by setting I
2C. It
includes internal power MOSFETs, compensation network and feedback resistors. The P-MOSFET can be controlled to
disconnect output loading. It is suitable for providing power to the motor. The output voltage of CH1 can be adjusted by
the I
2C interface in the range of 3.6V to 5.5V.
CH1 regulation voltage can be selected by I
2
C interface. The default voltage is 5V.
Code
Voltage
Code
Voltage
Code
Voltage
Code
Voltage
0000
3.6V
0001
3.7V
0010
3.8V
0011
3.9V
0100
4V
0101
4.5V
0110
4.6V
0111
4.7V
1000
4.8V
1001
4.9V
1010
5V
1011
5.1V
VOUT1 [3:0]
1100
5.2V
1101
5.3V
1110
5.4V
1111
5.5V
CH2 : Synchronous Step-Up/Down (Buck-Boost) DC/DC Converter
The synchronous step-up/down (Buck-Boost) DC/DC converter can be operated in either PFM or Sync-PWM mode by
setting I
2C. It includes internal power MOSFETs, compensation network and feedback resistors. This channel supplies
the power for I/O. The FB voltage of CH2 can be adjusted by the I
2C interface in the range of 0.72V to 0.86V.
FB2 regulation voltage can be selected by I
2
C interface. The default voltage is 0.8V.
Code
VREF
If Target = 1.8V
If Target = 1V
If Target = 3.3V
000
0.72V
1.62V
0.9V
2.97V
001
0.74V
1.665V
0.925V
3.0525V
010
0.76V
1.71V
0.95V
3.135V
011
0.78V
1.755V
0.975V
3.2175V
100
0.8V
1.8V
1V
3.3V
101
0.82V
1.845V
1.025V
3.3825V
110
0.84V
1.89V
1.05V
3.465V
FB2 [2:0]
111
0.86V
1.935V
1.075V
3.5475V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com