Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5021 Datasheet(PDF) 29 Page - Richtek Technology Corporation

Part # RT5021
Description  Channels DC/DC PMU with Li-ion Battery Charger
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5021 Datasheet(HTML) 29 Page - Richtek Technology Corporation

Back Button RT5021 Datasheet HTML 25Page - Richtek Technology Corporation RT5021 Datasheet HTML 26Page - Richtek Technology Corporation RT5021 Datasheet HTML 27Page - Richtek Technology Corporation RT5021 Datasheet HTML 28Page - Richtek Technology Corporation RT5021 Datasheet HTML 29Page - Richtek Technology Corporation RT5021 Datasheet HTML 30Page - Richtek Technology Corporation RT5021 Datasheet HTML 31Page - Richtek Technology Corporation RT5021 Datasheet HTML 32Page - Richtek Technology Corporation RT5021 Datasheet HTML 33Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 67 page
background image
RT5021
29
DS5021-01 April 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
VIN - VSYS Dropout Voltage vs. Temperature
200
225
250
275
300
325
350
375
400
425
450
-50
-25
0
25
50
75
100
125
Temperature (°C)
VBAT - VSYS Dropout Voltage vs. Temperature
50
55
60
65
70
75
80
85
90
95
100
-50
-25
0
25
50
75
100
125
Temperature (°C)
ISYS = 1A
VBAT = 3.7V, ISYS = 1A, USUS = H
Time (25ms/Div)
The Temperature of Battery Status
IBAT
(1A/Div)
VTS
(2V/Div)
Normal -> Hot -> Too Hot (Current)
JEITA = 0, ISETH = 0, ISETC = 0,
or
JEITA = 0, ISETH = 0, ISETC = 1,
Time (1ms/Div)
IIN
VSYS
VIN
VBAT = Real Battery, 1.5A Mode
ISYS = 0A to 2A
APPM
VBAT
ISYS
IBAT
(1V/Div) /
(1A/Div)
System Regulation Voltage vs. Temperature
4.85
4.87
4.89
4.91
4.93
4.95
4.97
4.99
5.01
5.03
5.05
-50
-25
0
25
50
75
100
125
Temperature (°C)
ISYS = 0.5A
OVP Threshold Voltage vs. Temperature
6.32
6.34
6.36
6.38
6.40
6.42
6.44
6.46
6.48
6.50
6.52
-50
-25
0
25
50
75
100
125
Temperature (°C)
Rising
Falling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com