Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5021 Datasheet(PDF) 14 Page - Richtek Technology Corporation

Part # RT5021
Description  Channels DC/DC PMU with Li-ion Battery Charger
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5021 Datasheet(HTML) 14 Page - Richtek Technology Corporation

Back Button RT5021 Datasheet HTML 10Page - Richtek Technology Corporation RT5021 Datasheet HTML 11Page - Richtek Technology Corporation RT5021 Datasheet HTML 12Page - Richtek Technology Corporation RT5021 Datasheet HTML 13Page - Richtek Technology Corporation RT5021 Datasheet HTML 14Page - Richtek Technology Corporation RT5021 Datasheet HTML 15Page - Richtek Technology Corporation RT5021 Datasheet HTML 16Page - Richtek Technology Corporation RT5021 Datasheet HTML 17Page - Richtek Technology Corporation RT5021 Datasheet HTML 18Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 67 page
background image
RT5021
14
DS5021-01 April 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
(VIN = 5V, VBAT = 4V, TA = 25
°C, unless otherwise specified)
Charger Unit :
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Input
VIN Under Voltage Lockout
Threshold
VUVLO
VIN = 0V to 4.5V
3.1
3.3
3.5
V
VIN Under Voltage Lockout
Hysteresis
ΔVUVLO
VIN = 4.5V to 0V
--
240
--
mV
ISYS = IBAT = 0mA, A7.ENCH = 0
(VBAT > VREGx)
--
1
2
mA
VIN Supply Current
ISUPPLY
ISYS = IBAT = 0mA, A7.ENCH = 1
(VBAT > VREGx)
--
0.8
1.5
mA
VIN Suspend Current
IUSUS
VIN = 5V, A7.USUS = 1
--
195
300
μA
VIN
−BAT VOS Rising
VOS_H
--
200
300
mV
VIN
−BAT VOS Falling
VOS_L
10
50
--
mV
Voltage Regulation
System Regulation Voltage
VSYS
ISYS = 800mA
4.9
5
5.1
V
Battery Regulation Voltage
VREG1
0 to 85°C, Loading = 20mA,
When A9. VSETH = 1 and
A9.VSETC = 1
4.16
4.2
4.23
V
Battery Regulation Voltage
VREG2
0 to 85°C, Loading = 20mA, When
A9. VSETH = 0 and A9. VSETC = 0
4.01
4.05
4.08
V
APPM Regulation Voltage
VAPPM
4.05
4.15
4.25
V
DPM Regulation Voltage
VDPM
4.25
4.35
4.45
V
VIN to VSYS MOSFET Ron
RDS(ON)
IVIN = 1000mA
--
0.2
0.35
Ω
BAT to VSYS MOSFET Ron
RDS(ON)
VBAT = 4.2V, ISYS = 1A
--
0.05
0.1
Ω
Re-Charge Threshold
ΔVREGCHG Battery Regulation - Recharge level
60
100
140
mV
Current Regulation
Charge Current Setting Range ICHG
100
--
1200
mA
Charge Current Accuracy1
ICHG1
VBAT = 4V,
A8.ISETA [3 : 0] = 4’b0101
570
600
630
mA
Charge Current Accuracy2
ICHG2
VBAT = 3.8V,
A8.ISETA [3 : 0] = 4’b0010
285
300
315
mA
A7.ISETL = 1, A7.ISETU = 1 (1.5A
Mode)
1.5
1.8
2.1
A
A7.ISETL = 1, A7.ISETU = 0
(1A Mode)
0.85
0.925
1.0
A
A7.ISETL = 0, A7.ISETU = 1
(500mA mode)
450
475
500
mA
VIN Current Limit
ILIM_VIN
A7.ISETL = 0, A7.ISETU = 0
(100mA Mode)
80
90
100
mA
Pre-Charge
BAT Pre-Charge Threshold
VPRECH
BAT Falling
2.7
2.8
2.9
V
BAT Pre-Charge Threshold
Hysteresis
ΔVPRECH
--
200
--
mV
Pre-Charge Current
ICHG_PRE
VBAT = 2V
5
10
15
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com