Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5021 Datasheet(PDF) 53 Page - Richtek Technology Corporation

Part # RT5021
Description  Channels DC/DC PMU with Li-ion Battery Charger
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5021 Datasheet(HTML) 53 Page - Richtek Technology Corporation

Back Button RT5021 Datasheet HTML 49Page - Richtek Technology Corporation RT5021 Datasheet HTML 50Page - Richtek Technology Corporation RT5021 Datasheet HTML 51Page - Richtek Technology Corporation RT5021 Datasheet HTML 52Page - Richtek Technology Corporation RT5021 Datasheet HTML 53Page - Richtek Technology Corporation RT5021 Datasheet HTML 54Page - Richtek Technology Corporation RT5021 Datasheet HTML 55Page - Richtek Technology Corporation RT5021 Datasheet HTML 56Page - Richtek Technology Corporation RT5021 Datasheet HTML 57Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 67 page
background image
RT5021
53
DS5021-01 April 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Address
Name
Register
Address
Bit7
(MSB)
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
(LSB)
Meaning
TSHT[1:0]
Mask_DPM CHG2STEN
ISETA [3:0]
Default
0
0
0
1
0
1
0
0
A8
0x08
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Set TS/VP threshold to monitor battery temperature for HOT boundary.
Equivalent Battery Temperature
Code
TS/VP
ratio
10k NTC
100k NTC
00
28%
60°C
60°C
01
28.5%
58°C
59°C
10
29%
56°C
57°C
TSHT [1:0]
11
29.5%
54°C
56°C
Mask DPM function
0 : When DPM event change, INT would be asserted.
Mask_DPM
1 : When DPM event change, INT would not be asserted.
Used to control CHG2 pin status.
0 : See FLSH2 set.
CHG2STEN
1 : Base on charging status.
CHG2STEN = 0 (A8.bit4 = 0)
Charging Status
CHG2STEN = 1
(A8.bit4 = 1)
FLST2 = 1
(A5.bit3 = 1)
FLST2 = 0
(A5.bit3 = 0)
No Charging/
Charging Finish
High impedance
(No flashing)
Pre-Charge/
Fast Charge
Low
Abnormal (Fault timer
timeout, in thermal
regulation, battery too
cold or too hot
4Hz (0.25s)
High
Impedance
Low
RT5021 allows user to set the battery charge current level and the list as below.
The default value is 0.5A.
Code
BAT
Charge
Current
Code
BAT
Charge
Current
Code
BAT
Charge
Current
Code
BAT
Charge
Current
0000
0.1A
0001
0.2A
0010
0.3A
0011
0.4A
0100
0.5A
0101
0.6A
0110
0.7A
0111
0.8A
1000
0.9A
1001
1A
1010
1.1A
1011
1.2A
ISETA [3:0]
1100
1.2A
1101
1.2A
1110
1.2A
1111
1.2A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com