Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5021 Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT5021
Description  Channels DC/DC PMU with Li-ion Battery Charger
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5021 Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT5021 Datasheet HTML 8Page - Richtek Technology Corporation RT5021 Datasheet HTML 9Page - Richtek Technology Corporation RT5021 Datasheet HTML 10Page - Richtek Technology Corporation RT5021 Datasheet HTML 11Page - Richtek Technology Corporation RT5021 Datasheet HTML 12Page - Richtek Technology Corporation RT5021 Datasheet HTML 13Page - Richtek Technology Corporation RT5021 Datasheet HTML 14Page - Richtek Technology Corporation RT5021 Datasheet HTML 15Page - Richtek Technology Corporation RT5021 Datasheet HTML 16Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 67 page
background image
RT5021
12
DS5021-01 April 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
RDS(ON)_P P-MOSFET, PVD7 = 10V
--
2
3
Ω
On Resistance of MOSFET
RDS(ON)_N N-MOSFET, SYS = 3.3V
--
0.9
1.1
Ω
Current Limitation (Step-Up mode)
N-MOSFET, SYS = 3.3V
0.6
0.8
1
A
A0.OVP7 = 0
15
16
17
V
Over Voltage Protection at PVD7
(Step-Up mode)
A0.OVP7 = 1
24
25
26
V
Off Discharge Current at PVD7
(Step-Up mode)
PVD7 = 10V, SYS = 3.3V
--
20
--
mA
Discharge Finishing Threshold at
PVD7
(Step-Up Mode)
--
SYS
− 0.4
--
V
CH8 LDO
Input Voltage Range (PVD8)
1.5
--
5.5
V
Quiescent Current into PVD8
IQ_PVD8
PVD8 = 3.3V, IOUT = 0mA
--
--
75
μA
A3.VOUT8 [3:0] = 4’b1000 to
4’b1111
−1.5
--
1.5
%
Regulation Voltage Accuracy at
VO8
A3.VOUT8 [3:0] = 4’b0000 to
4’b0111
−2
--
2
%
Drop Out Voltage (PVD8-VO8)
IOUT = 300mA, VO8 = 2.5V
--
--
0.2
V
PSRR+
IOUT = 10mA, PVD8 = 3.3V at
1kHz
--
−60
--
dB
Max Output Current
(Current Limit)
PVD8 = 3V, VO8 = 2.5V
300
450
600
mA
Off Discharge Current at VO8
SYS = 3.3V
--
--
10
mA
CH9 RTC LDO
Standby Quiescent Current
BAT = 4.2V
--
3
6
μA
Lockout Current into VRTC
ILO-VRTC
EN = L, and PMU off, BAT = 0V,
VRTC = 3.05V, SYS = 0V
--
--
1
μA
Regulation Voltage at VRTC
IOUT = 0mA
3
3.05
3.1
V
Max Output Current (Current
Limit)
BAT = 4.2V
60
130
200
mA
IOUT = 50mA
--
--
1000
mV
IOUT = 10mA
--
--
150
mV
Dropout Voltage at (BAT-VRTC)
IOUT = 3mA
--
--
60
mV
Wake Up Detector
WAKE Impulse High Duration
tWAKEUP
VIN or BAT plug in,
VRTC = 3.05V
60
90
120
ms
WAKE UP High Level
VWAKE_H
Source Current 0.5mA,
VRTC = 3.05V
--
VRTC
− 0.3V
VRTC
V
WAKE UP Low Level
VWAKE_L
Sink Current 0.5mA,
VRTC = 3.05V
0
0.3
--
V
WAKE UP Rising Time
tWAKE_R
CLOAD 100pF at WAKE pin,
10% to 90% of VRTC,
VRTC = 3.05V
--
--
1
μs
BAT Wake Up Threshold Voltage
VRTC = 3.05V
3
3.1
3.2
V
BAT Wake Up Threshold
Hysteresis Gap
VRTC = 3.05V
--
−0.28
--
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com