Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5021 Datasheet(PDF) 20 Page - Richtek Technology Corporation

Part # RT5021
Description  Channels DC/DC PMU with Li-ion Battery Charger
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5021 Datasheet(HTML) 20 Page - Richtek Technology Corporation

Back Button RT5021 Datasheet HTML 16Page - Richtek Technology Corporation RT5021 Datasheet HTML 17Page - Richtek Technology Corporation RT5021 Datasheet HTML 18Page - Richtek Technology Corporation RT5021 Datasheet HTML 19Page - Richtek Technology Corporation RT5021 Datasheet HTML 20Page - Richtek Technology Corporation RT5021 Datasheet HTML 21Page - Richtek Technology Corporation RT5021 Datasheet HTML 22Page - Richtek Technology Corporation RT5021 Datasheet HTML 23Page - Richtek Technology Corporation RT5021 Datasheet HTML 24Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 67 page
background image
RT5021
20
DS5021-01 April 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Typical Operating Characteristics
VIN = 5V, unless otherwise specified.
CH2 Step-Up/Down Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
Output Current (mA)
VOUT = 3.3V, L = 2.2
μH, COUT = 10μF x 2
VBAT = 2.7V
VBAT = 3V
VBAT = 3.6V
VBAT = 4.2V
VBAT = 5V
CH3 Step-Down Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
Output Current (mA)
VOUT = 1V, L = 2.2
μH, COUT = 10μF
VBAT = 2.7V
VBAT = 3.3V
VBAT = 3.9V
VBAT = 4.2V
VBAT = 5V
CH4 Step-Down Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
Output Current (mA)
VOUT = 1.5V, L = 2.2
μH, COUT = 10μF
VBAT = 2.7V
VBAT = 3.3V
VBAT = 3.9V
VBAT = 4.2V
VBAT = 5V
CH7 Efficiency vs. Input Voltage
0
10
20
30
40
50
60
70
80
90
100
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Input Voltage (V)
L = 10
μH, COUT = 1μF, IOUT = 6WLEDs
CH1 Step-Up Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
Output Current (mA)
VOUT = 5V, L = 2.2
μH, COUT = 10μF x 2
VBAT = 4.5V
VBAT = 4.2V
VBAT = 3.9V
VBAT = 3.6V
VBAT = 3.3V
VBAT = 2.7V
CH5 Step-Down Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
Output Current (mA)
VOUT = 1.8V, L = 2.2
μH, COUT = 10μF
VBAT = 2.7V
VBAT = 3.3V
VBAT = 3.9V
VBAT = 4.2V
VBAT = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com