Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5021 Datasheet(PDF) 56 Page - Richtek Technology Corporation

Part # RT5021
Description  Channels DC/DC PMU with Li-ion Battery Charger
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5021 Datasheet(HTML) 56 Page - Richtek Technology Corporation

Back Button RT5021 Datasheet HTML 52Page - Richtek Technology Corporation RT5021 Datasheet HTML 53Page - Richtek Technology Corporation RT5021 Datasheet HTML 54Page - Richtek Technology Corporation RT5021 Datasheet HTML 55Page - Richtek Technology Corporation RT5021 Datasheet HTML 56Page - Richtek Technology Corporation RT5021 Datasheet HTML 57Page - Richtek Technology Corporation RT5021 Datasheet HTML 58Page - Richtek Technology Corporation RT5021 Datasheet HTML 59Page - Richtek Technology Corporation RT5021 Datasheet HTML 60Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 67 page
background image
RT5021
56
DS5021-01 April 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
THR bit can be let user to monitor the thermal regulation function is working or not.
0 : thermal Regulation is not working
1 : thermal Regulation is working
THR
Note : when PMU turn on, it would check the bit THR and compare to the value 0. If
it is different, INT would be asserted. After PMU is on, once THR bit toggles, INT
also asserts again.
Charger safety timer status.
0 : charger in charging or suspended by thermal loop
1 : safety timer expired
SAFE
Note : when PMU turn on, it would check the bit SAFE and compare to the value 0.
If it is different, INT would be asserted. After PMU is on, once SAFE bit toggles,
INT also asserts again.
Address
Names
Register Address
Bit7
(MSB)
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
(LSB)
Meaning
CHG_TYP [2:0]
Reserved Reserved CHG_2DET CHG_1DET CHGRUN
Default
0
0
0
x
x
0
1
0
A11
0x0B
Read/Write
R
R
R
--
--
R/W
R/W
R
The CHG_TYP [2:0] is used to recode the charger type.
Code
Charger Type
Code
Charger Type
000
Standard USB
CHARGER (SDP)
100
APPLE CHARGER (1A)
001
Sony CHARGER -1
111
DEDICATED CHARGER (DCP)
010
Sony CHARGER -2
CHG_TYP [2:0]
011
APPLE CHARGER
(0.5A)
110
Charging Downstream Port (CDP)
(High current Host/Hub)
The CHG_2DET bit is used to enable the secondary charger detection (to
distinguish CDP and DCP). Default value is 0. Set this bit value to 1 in order to
enable charger detection.
0 : Secondary CHARGER DETECTION DISABLED
CHG_2DET
1 : Secondary CHARGER DETECTION ENABLE.
The CHG_1DET bit is used to enable the primary charger detection. Default value
is 1 (auto-detect charger type when VIN plug in). Toggle this bit value (set to 0 and
then set 1) to re-enable charger detection.
0 : Primary CHARGER DETECTION DISABLED.
CHG_1DET
1 : Primary CHARGER DETECTION ENABLE.
The CHGRUN bit is the charger detector status bit. It means the charger detection
is running or not.
0 : CHARGER DETECTION NOT RUNING.
1 : CHARGER DETECTION RUNNING.
CHGRUN
Note : when PMU turn on, it would check the bit CHGRUN and compare to the
value 1. If it is different, INT would be asserted. After PMU is on, once CHGRUN
bit change from 1 to 0, INT also asserts again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com