Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5021 Datasheet(PDF) 39 Page - Richtek Technology Corporation

Part # RT5021
Description  Channels DC/DC PMU with Li-ion Battery Charger
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5021 Datasheet(HTML) 39 Page - Richtek Technology Corporation

Back Button RT5021 Datasheet HTML 35Page - Richtek Technology Corporation RT5021 Datasheet HTML 36Page - Richtek Technology Corporation RT5021 Datasheet HTML 37Page - Richtek Technology Corporation RT5021 Datasheet HTML 38Page - Richtek Technology Corporation RT5021 Datasheet HTML 39Page - Richtek Technology Corporation RT5021 Datasheet HTML 40Page - Richtek Technology Corporation RT5021 Datasheet HTML 41Page - Richtek Technology Corporation RT5021 Datasheet HTML 42Page - Richtek Technology Corporation RT5021 Datasheet HTML 43Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 67 page
background image
RT5021
39
DS5021-01 April 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Suspend Mode
When USUS = 1, the charger will enter Suspend Mode. In Suspend Mode, CHG pin is high impedance and
IUSUS(MAX) < 300
μA.
Charging Current Decision
The charge current can be set according to the I2C register A8.ISETA [3:0] setting :
RT5021 allows user to set the battery charge current level and the list as below. The default
value is 0.5A.
Code
BAT Charge
Current
Code
BAT Charge
Current
Code
BAT Charge
Current
Code
BAT Charge
Current
0000
0.1A
0001
0.2A
0010
0.3A
0011
0.4A
0100
0.5A
0101
0.6A
0110
0.7A
0111
0.8A
1000
0.9A
1001
1A
1010
1.1A
1011
1.2A
ISETA [3:0]
1100
1.2A
1101
1.2A
1110
1.2A
1111
1.2A
α
1
Fault-Time
Icharge
Example :
If the sensing battery temperature is hot or cold, the charge current will reduce to half charge current. So, the fault-time
will increase to be double.
JEITA Battery Temperature Standard
CV regulation voltage will be changed in the following battery temperature ranges : 0
°C to 10°C and 45°C to 60°C.
This function can be disabled by A9.VSETH and A9.VSETC.
CC regulation current will be changed in the following battery temperature ranges : 0
°C to 10°C and 45°C to 60°C.
This function can be disabled by A9.ISETH and A9.ISETC.
Fault-Time
During the fast charge phase, several events may increase the charging time.
For example, the system load current may have activated the APPM loop which reduces the available charging current
or the device has entered thermal regulation because the IC junction temperature has exceeded TREG.
However, once the duration exceeds the fault-time, the CHG output pin will flash at approximately 4Hz to indicate a fault
condition and the charge current will be reduced to about 1mA.
There are four methods to release the Fault-time :
Re-plug power
Toggle EN
Enter/exit suspend mode
Remove Battery
OVP
The fault-time is inverse proportional to the charger current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com