Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5021 Datasheet(PDF) 52 Page - Richtek Technology Corporation

Part # RT5021
Description  Channels DC/DC PMU with Li-ion Battery Charger
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5021 Datasheet(HTML) 52 Page - Richtek Technology Corporation

Back Button RT5021 Datasheet HTML 48Page - Richtek Technology Corporation RT5021 Datasheet HTML 49Page - Richtek Technology Corporation RT5021 Datasheet HTML 50Page - Richtek Technology Corporation RT5021 Datasheet HTML 51Page - Richtek Technology Corporation RT5021 Datasheet HTML 52Page - Richtek Technology Corporation RT5021 Datasheet HTML 53Page - Richtek Technology Corporation RT5021 Datasheet HTML 54Page - Richtek Technology Corporation RT5021 Datasheet HTML 55Page - Richtek Technology Corporation RT5021 Datasheet HTML 56Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 67 page
background image
RT5021
52
DS5021-01 April 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Address
Name
Register Address
Bit7
(MSB)
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
(LSB)
Meaning
TIMER [3:0]
ENCH
USUS
ISETU
ISETL
Default
0
1
0
0
0
0
0
0
A7
0x07
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
TIMER [3:0]
Define fast charger safe charging time.
Fast charging timeout time = (TIMER [3:0] + 1) hours. The default voltage is 5
hours.
Note : pre-charge timeout time = fast charge time/8.
Enable charger
0 : Enable charger
ENCH
1 : Disable charger
VIN Suspend control
0 : No suspend
USUS
1 : Suspend
VIN Current limit setting :
ISETL
ISETU
VIN Input
Current Limit
0
0
95mA (default)
0
1
475mA
1
0
1A
1
1
1.5A
ISETU and ISETL
Note: When Charger Type Detection finds the charger is Dedicated Charging Port
(Sony or Apple Charger),
ISETU/ISETL would set to be 475mA automatically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com