Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5021 Datasheet(PDF) 35 Page - Richtek Technology Corporation

Part # RT5021
Description  Channels DC/DC PMU with Li-ion Battery Charger
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5021 Datasheet(HTML) 35 Page - Richtek Technology Corporation

Back Button RT5021 Datasheet HTML 31Page - Richtek Technology Corporation RT5021 Datasheet HTML 32Page - Richtek Technology Corporation RT5021 Datasheet HTML 33Page - Richtek Technology Corporation RT5021 Datasheet HTML 34Page - Richtek Technology Corporation RT5021 Datasheet HTML 35Page - Richtek Technology Corporation RT5021 Datasheet HTML 36Page - Richtek Technology Corporation RT5021 Datasheet HTML 37Page - Richtek Technology Corporation RT5021 Datasheet HTML 38Page - Richtek Technology Corporation RT5021 Datasheet HTML 39Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 67 page
background image
RT5021
35
DS5021-01 April 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
During On sequence period, EN going low would not take effect. After the sequence finish, EN state would be
re-checked and decide to keep on or start off sequence.
During Off sequence period, EN going high would not take effect. After the sequence finish, EN state would be
re-checked and decide to keep off or start on sequence.
External EN
VOUT3 (1.1V)
SEQ_Ready
VREF/IREF
/OSC/POR
VOUT4 (1.5V)
Latch SEQ
detection result
tR
4ms
tD
10ms
tD
10ms
VOUT1 (5V)
tR
4ms
VOUT6
Enabled in I
2
C
VOUT2 (3.3V)
VOUT5
Each Enabled in I
2
C
tR
4ms
tD
10ms
External EN
VOUT3 (1.1V)
SEQ_Ready
VREF/IREF/
OSC/POR
VOUT4 (1.5V)
Latch SEQ
detection result
tR
4ms
tD
10ms
tD
10ms
VOUT1 (5V)
tR
4ms
VOUT2 (3.3V)
Last channel discharge finish and then
reset SEQ detection result and issue
next time to re-detect SEQ
Latch SEQ
detection result
EN going low take
no effect during on
sequence period.
tR
4ms
tD
10ms
tR
4ms
tD
10ms
tR
4ms
tD
10ms
tR
4ms
tD
10ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com