Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5021 Datasheet(PDF) 40 Page - Richtek Technology Corporation

Part # RT5021
Description  Channels DC/DC PMU with Li-ion Battery Charger
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5021 Datasheet(HTML) 40 Page - Richtek Technology Corporation

Back Button RT5021 Datasheet HTML 36Page - Richtek Technology Corporation RT5021 Datasheet HTML 37Page - Richtek Technology Corporation RT5021 Datasheet HTML 38Page - Richtek Technology Corporation RT5021 Datasheet HTML 39Page - Richtek Technology Corporation RT5021 Datasheet HTML 40Page - Richtek Technology Corporation RT5021 Datasheet HTML 41Page - Richtek Technology Corporation RT5021 Datasheet HTML 42Page - Richtek Technology Corporation RT5021 Datasheet HTML 43Page - Richtek Technology Corporation RT5021 Datasheet HTML 44Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 67 page
background image
RT5021
40
DS5021-01 April 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Cold
Hot
0°C
10°C
45°C
60°C
VSETC = 0
ISETC = 0
4.2V
4.05V
ICHG
4.2V
VSETC = 0
0.5 x ICHG
4.05V
ICHG
0.5 x ICHG
ISETC = 0
4.2V
4.05V
ICHG
0.5 x ICHG
VSETC = 1
ISETC = 1
4.2V
4.05V
ICHG
0.5 x ICHG
VSETC = 1
ISETC = 1
VSETH = 0
ISETH = 0
VSETH = 1
ISETH = 1
VSETH = 1
ISETH = 1
ISETH = 0
VSETH = 0
TS
TS
TS
TS
JEITA = 0
VSETH = 0
VSETC = 0
ISETH = 0
ISETC = 0
JEITA = 0
VSETH = 1
VSETC = 0
ISETH = 1
ISETC = 0
JEITA = 0
VSETH = 1
VSETC = 1
ISETH = 1
ISETC = 1
JEITA = 0
VSETH = 0
VSETC = 1
ISETH = 0
ISETC = 1
4.2V
4.05V
ICHG
0.5 x ICHG
TS
VSETH = 1
ISETH = 1
4.2V
4.05V
ICHG
0.5 x ICHG
VSETH = 0
ISETH = 0
0°C
10°C
45°C
60°C
TS
JEITA = 1
VSETH = 1
VSETC = x
ISETH = 1
ISETC = x
JEITA = 1
VSETH = 0
VSETC = x
ISETH = 0
ISETC = x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com