Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5021 Datasheet(PDF) 37 Page - Richtek Technology Corporation

Part # RT5021
Description  Channels DC/DC PMU with Li-ion Battery Charger
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5021 Datasheet(HTML) 37 Page - Richtek Technology Corporation

Back Button RT5021 Datasheet HTML 33Page - Richtek Technology Corporation RT5021 Datasheet HTML 34Page - Richtek Technology Corporation RT5021 Datasheet HTML 35Page - Richtek Technology Corporation RT5021 Datasheet HTML 36Page - Richtek Technology Corporation RT5021 Datasheet HTML 37Page - Richtek Technology Corporation RT5021 Datasheet HTML 38Page - Richtek Technology Corporation RT5021 Datasheet HTML 39Page - Richtek Technology Corporation RT5021 Datasheet HTML 40Page - Richtek Technology Corporation RT5021 Datasheet HTML 41Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 67 page
background image
RT5021
37
DS5021-01 April 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
INT vs. Fault/Status Timing Diagram
Interrupt vs. Events (I2C Status Bits)
When PMU turns on with event
condition
During PMU on
INT assert
(Turn to low)
No Event (0)
Event has
occurred (1)
Event appear
(0
→ 1)
Event disappear
(1
→ 0)
PGOOD
No
Yes
Yes
Yes
NoBAT
No
Yes
Yes
Yes
TS_METER [2:0] = 000
(Event may be cold or
hot, VP UVLO, NoBAT)
No
Yes
Yes
Yes
EOC
No
Yes
Yes
Yes
THR
No
Yes
Yes
Yes
SAFE
No
Yes
Yes
Yes
DPM
No
Yes
Yes
Yes
CHGRUN
No
No
No
Yes
THR
EOC
PGOOD
A9.INT bit is written to "0"
TS_Meter [2:0]
NoBAT
CHGRUN
DPM
SAFE
INT
When the A9.INT bit is written to "0", the INT will be set to high.
When Mask_DPM = 1 and DPM event change, the INT would not be asserted.
(Mask_DPM = 0)
Interrupt Indicator
The RT5021 provides an interrupt indicator output pin (INT). INT is an open drain output which is controlled by A9.INT bit.
When the PGOOD, TS_Meter [2:0], EOC, THR, SAFE, NoBAT, CHGRUN, DPM status bits toggle, the A9.INT bit will be
set to high. In order to reset the interrupt status, a
“0” must be written to the A9.INT bit or power on the PMU again. The
timing diagram is shown below :



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com