Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5021 Datasheet(PDF) 44 Page - Richtek Technology Corporation

Part # RT5021
Description  Channels DC/DC PMU with Li-ion Battery Charger
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5021 Datasheet(HTML) 44 Page - Richtek Technology Corporation

Back Button RT5021 Datasheet HTML 40Page - Richtek Technology Corporation RT5021 Datasheet HTML 41Page - Richtek Technology Corporation RT5021 Datasheet HTML 42Page - Richtek Technology Corporation RT5021 Datasheet HTML 43Page - Richtek Technology Corporation RT5021 Datasheet HTML 44Page - Richtek Technology Corporation RT5021 Datasheet HTML 45Page - Richtek Technology Corporation RT5021 Datasheet HTML 46Page - Richtek Technology Corporation RT5021 Datasheet HTML 47Page - Richtek Technology Corporation RT5021 Datasheet HTML 48Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 67 page
background image
RT5021
44
DS5021-01 April 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
ISYS
VSYS
IUSB
IBAT
T1, T7
0
SYS Regulation Voltage
CHG_MAX
CHG_MAX
T2, T6
< IVIN_OC (USB) − CHG_MAX
SYS Regulation Voltage
ISYS + CHG_MAX
CHG_MAX
T3, T5
> IVIN_OC (USB) − CHG_MAX
< IVIN_OC (USB)
Auto Charge Voltage
Threshold
IVIN_OC (USB)
IVIN_OC (USB) − ISYS
T4
> IVIN_OC (USB)
VBAT − IBAT x RDS(ON)
IVIN_OC (USB)
ISYS − IVIN_OC (USB)
Battery Supplement Mode Short Circuit Protect
In APPM mode, the SYS voltage will continue to drop if the charge current is zero and the system load increases
beyond the input current limit. When the SYS voltage decreases below the battery voltage, the battery will kick in to
supplement the system load until the SYS voltage rises above the battery voltage.
While in supplement mode, there is no battery supplement current regulation. However, a built-in short circuit protection
feature is available to prevent any abnormal current situation. While the battery is supplementing the load, if the difference
between the battery and SYS voltage exceeds the short circuit threshold voltage, SYS will be disabled. After a short
circuit recovery time, tSHORT_R, the counter will be restarted. In supplement mode, the battery termination function is
disabled. Note that the battery supply mode exiting condition is VBAT
− VSYS < 0V.
Thermal Regulation and Thermal Shutdown
The charger provides a thermal regulation loop function to monitor the device temperature. If the die temperature rises
above the regulation temperature, TREG, the charge current will automatically be reduced to lower the die temperature.
However, in certain circumstances (such as high VIN, heavy system load, etc) even with the thermal loop in place, the
die temperature may still continue to increase. In this case, if the temperature rises above the thermal shutdown
threshold, TSD, the internal switch between VIN and SYS will be turned off. The switch between the battery and SYS will
remain on, however, to allow continuous battery power to the load. Once the die temperature decreases by
ΔTSD, the
internal switch between VIN and SYS will be turned on again and the device returns to normal thermal regulation. The
internal thermal feedback circuitry regulates the die temperature to optimize the charge rate for all ambient temperatures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com