Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5021 Datasheet(PDF) 51 Page - Richtek Technology Corporation

Part # RT5021
Description  Channels DC/DC PMU with Li-ion Battery Charger
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5021 Datasheet(HTML) 51 Page - Richtek Technology Corporation

Back Button RT5021 Datasheet HTML 47Page - Richtek Technology Corporation RT5021 Datasheet HTML 48Page - Richtek Technology Corporation RT5021 Datasheet HTML 49Page - Richtek Technology Corporation RT5021 Datasheet HTML 50Page - Richtek Technology Corporation RT5021 Datasheet HTML 51Page - Richtek Technology Corporation RT5021 Datasheet HTML 52Page - Richtek Technology Corporation RT5021 Datasheet HTML 53Page - Richtek Technology Corporation RT5021 Datasheet HTML 54Page - Richtek Technology Corporation RT5021 Datasheet HTML 55Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 67 page
background image
RT5021
51
DS5021-01 April 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Address
Name
Register Address
Bit7
(MSB)
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
(LSB)
Meaning
VOUT5 [3:0]
VOUT6 [3:0]
Default
1
0
0
0
0
0
1
1
A6
0x06
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
CH5 regulation voltage can be selected by I
2
C interface. The default voltage is
1.8V.
Code
Voltage
Code
Voltage
Code
Voltage
Code
Voltage
0000
REF
0001
1.1V
0010
1.2V
0011
1.3V
0100
1.4V
0101
1.5V
0110
1.6V
0111
1.7V
1000
1.8V
1001
2V
1010
2.2V
1011
2.3V
1100
2.5V
1101
2.6V
1110
2.7V
1111
2.8V
VOUT5 [3:0]
Note : VOUT5 [3:0] = 0000 (REF) means using external feedback network and
FB5 regulation target is 0.8V
± 1.5%
CH6 regulation voltage can be selected by I
2
C interface. The default voltage is
1.3V.
Code
Voltage
Code
Voltage
Code
Voltage
Code
Voltage
0000
Switch
0001
1.1V
0010
1.2V
0011
1.3V
0100
1.4V
0101
1.5V
0110
1.6V
0111
1.7V
1000
1.8V
1001
2V
1010
2.2V
1011
2.5V
VOUT6 [3:0]
1100
2.8V
1101
3.1V
1110
3.2V
1111
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com