Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5021 Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT5021
Description  Channels DC/DC PMU with Li-ion Battery Charger
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5021 Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT5021 Datasheet HTML 5Page - Richtek Technology Corporation RT5021 Datasheet HTML 6Page - Richtek Technology Corporation RT5021 Datasheet HTML 7Page - Richtek Technology Corporation RT5021 Datasheet HTML 8Page - Richtek Technology Corporation RT5021 Datasheet HTML 9Page - Richtek Technology Corporation RT5021 Datasheet HTML 10Page - Richtek Technology Corporation RT5021 Datasheet HTML 11Page - Richtek Technology Corporation RT5021 Datasheet HTML 12Page - Richtek Technology Corporation RT5021 Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 67 page
background image
RT5021
9
DS5021-01 April 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Current
Shutdown Supply Current into BAT
(Include IDDQ of RTC LDO)
IOFF-BAT
EN = L, and PMU off,
BAT = 4.2V
--
10
20
μA
CH1 + CH2 + CH3 + CH4
Supply Current
IQ1234
Non switching, EN = 3.3V
--
--
2000
μA
CH5 Supply Current
IQ5
Non switching, A2.EN5 = 1
--
--
500
μA
CH6 Supply Current
IQ6
A2.EN6 = 1
--
--
100
μA
CH7 in Step-Up Mode Supply
Current
IQ7b
Non switching,
A2.EN7_DIM7 [4:0] = 5’b11111
--
--
500
μA
CH7 in Current Source mode Supply
Current
IQ7c
A2.EN7_DIM7 [4:0] = 5’b11111
PVD7 = 5V
--
--
400
μA
CH8 Supply Current
IQ8
A2.EN8 = 1
--
--
100
μA
Oscillator
CH1, 3, 4, 5 Operation Frequency
fOSC_1345
1800
2000
2200
kHz
CH2, 7 Operation Frequency
fOSC_27
CH7 in Step-Up mode
900
1000
1100
kHz
CH1 LV Sync Step-Up
Output Voltage Accuracy at PVD1
Target voltage defined at
A4.VOUT1 [3:0]
−1.5
--
1.5
%
Minimum On Time for PSM
--
100
--
ns
Soft-Start Time
PVD1 = 0 to 5V
--
4
--
ms
Maximum Duty Cycle (Step-Up)
PVD1 < Target defined in
A4.VOUT1 [3:0]
80
83
86
%
RDS(ON)_P
P-MOSFET, PVD1 = 3.3V
--
200
300
m
Ω
On Resistance of MOSFET
RDS(ON)_N N-MOSFET, PVD1 = 3.3V
--
150
250
m
Ω
Current Limitation (Step-Up)
ILIM_1
2.2
3
4
A
Over Voltage Protection at PVD1
5.82
6
6.18
V
Under Voltage Protection -1 at
PVD1
--
SYS
− 0.8
--
V
Under Voltage Protection -2 at
PVD1
Target Voltage is defined in
A4.VOUT1 [3:0]
--
Target
x 0.5
--
V
Over Load Protection at PVD1
Target Voltage is defined in
A4.VOUT1 [3:0]
--
Target
− 0.6
--
V
Off Discharge Current at PVD1
PVD1 = 5V, SYS = 3.3V
--
20
--
mA
Discharge Finishing Threshold at
PVD1
--
0.6
--
V
CH2 LV Sync Step-Up/Down
Feedback Regulation Voltage at
FB2
A4.FB2 [2:0] = 3’b100
0.788
0.8
0.812
V
Soft-Start Time
FB2 = 0 to 0.8V
--
4
--
ms
LX2B
--
55
--
%
Maximum Duty Cycle
LX2A
--
--
100
%
LX2A
− GND,
N-MOSFET PVD2 = 3.3V
--
200
300
m
Ω
On Resistance of MOSFET
RDS(ON)_2A
PVD2
− LX2A,
P-MOSFET PVD2 = 3.3V
--
150
250
m
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com