Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5021 Datasheet(PDF) 46 Page - Richtek Technology Corporation

Part # RT5021
Description  Channels DC/DC PMU with Li-ion Battery Charger
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5021 Datasheet(HTML) 46 Page - Richtek Technology Corporation

Back Button RT5021 Datasheet HTML 42Page - Richtek Technology Corporation RT5021 Datasheet HTML 43Page - Richtek Technology Corporation RT5021 Datasheet HTML 44Page - Richtek Technology Corporation RT5021 Datasheet HTML 45Page - Richtek Technology Corporation RT5021 Datasheet HTML 46Page - Richtek Technology Corporation RT5021 Datasheet HTML 47Page - Richtek Technology Corporation RT5021 Datasheet HTML 48Page - Richtek Technology Corporation RT5021 Datasheet HTML 49Page - Richtek Technology Corporation RT5021 Datasheet HTML 50Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 67 page
background image
RT5021
46
DS5021-01 April 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Type I : 10-bit slave address data format
In 10-bit addressing, the slave address is sent in the first two bytes. The first byte begins with the special reserved
address of 11110XX which indicates that 10-bit addressing is being used.
Type II : 2-byte register address data format
The register address is combined with 2-byte as below.
When RT5021 and other I2C devices with 10-bit slave addressing (type I) or two-byte register addressing (type II) coexist
in one I2C bus, RT5021 need one dummy I2C write frame to reset the RT5021 internal I2C operation state. The below
shows a dummy write frame example, that is to write RT5021 register A10 [7:0] = 00000000. Master should ignore the
write operation (This operation is invalid). After the dummy frame, the master can read/write formal I2C frame for RT5021
to get right operation.
S
0
A
Slave Address
Register Address
Slave Address
Sr
A
A
1
MSB
A
A
Data 1
LSB
2-Byte Register Address
S
x
x
R/W
1
1
1
1
0
x
xACK
Bit 0
ACK
Bit 7
Bit 8
Bit 9
x
x
x
x
Bit 0
LSB
Bit 9
MSB
10-Bit
Address
x
x
x
x
x
x
x
x
x
x
x
x
MSB
LSB
S
A P
Read 2 bytes Type I/Type II data.
S
A P
S
A P
Read RT5021 data.
S
A P
S
P
S
P
Write RT5021 data.
Write 2 bytes Type I/Type II data.
A
S
A P
Write 2 bytes Type I/Type II data.
S
A P
S
A P
Read RT5021 data.
S
A P
S
P
Write RT5021 register
A10[7:0] = 00000000 data.
S
P
Write RT5021 data.
Read 2 bytes Type I/Type II data.
A
Dummy I
2C write frame.
Normal I
2C read/write frame
A
A
Write RT5021 register
A10[7:0] = 00000000 data.
Write RT5021 register
A10[7:0] = 00000000 data.
Write RT5021 register
A10[7:0] = 00000000 data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com