Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5021 Datasheet(PDF) 66 Page - Richtek Technology Corporation

Part # RT5021
Description  Channels DC/DC PMU with Li-ion Battery Charger
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5021 Datasheet(HTML) 66 Page - Richtek Technology Corporation

Back Button RT5021 Datasheet HTML 59Page - Richtek Technology Corporation RT5021 Datasheet HTML 60Page - Richtek Technology Corporation RT5021 Datasheet HTML 61Page - Richtek Technology Corporation RT5021 Datasheet HTML 62Page - Richtek Technology Corporation RT5021 Datasheet HTML 63Page - Richtek Technology Corporation RT5021 Datasheet HTML 64Page - Richtek Technology Corporation RT5021 Datasheet HTML 65Page - Richtek Technology Corporation RT5021 Datasheet HTML 66Page - Richtek Technology Corporation RT5021 Datasheet HTML 67Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 66 / 67 page
background image
RT5021
66
DS5021-01 April 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Protection
Type
Threshold (Typical)
Refer to Electrical
Spec.
Protection Methods
PMU
Shutdown
Delay
Time
Reset Method
Current limit
P-MOSFET
peak current > 1.8A
N-MOSFET off,
P-MOSFET off.
Automatic reset at
next clock cycle.
100ms
VDDI power reset or
EN1234 pin set to low
FB4 UVP
FB4 < 0.4V after
soft-start end.
N-MOSFET off,
P-MOSFET off.
No-delay
VDDI power reset or
EN1234 pin set to low
CH4
Step-Down
FB4 Over
Load
Target
− 0.1V (Target
voltage is the chosen
one in A5.FB4 [2:0])
PMU Shutdown when
OL occur each cycle
until 100ms.
100ms
VDDI power reset or
EN1234 pin set to low
Current limit
P-MOSFET
peak current > 1.5A
N-MOSFET off,
P-MOSFET off.
Automatic reset at
next clock cycle.
100ms
VDDI power reset or
EN1234 pin set to low
VO5 UVP
PVD5 UVP : FB5 < 0.4V
after soft-start end
N-MOSFET off,
P-MOSFET off.
No-delay
VDDI power reset or
EN1234 pin set to low
Target voltage is the
chosen one in
A6.VOUT5 [3:0] = 0000
(FB5 = 0.8V)
Target voltage is the
chosen one in
A6.VOUT5 [3:0] = 0001
to 0111
CH5
Step-Down
VO5 Over
Load
Target voltage is the
chosen one in
A6.VOUT5 [3:0] = 0111
to 1111
PMU Shutdown when
OL occur each cycle
until 100ms.
100ms
VDDI power reset or
EN1234 pin set to low
CH6 LDO
Max. output
current
(current limit)
P-MOSFET current >
0.45A (PVD6 = 1.5V,
VO6 = 1.3V)
P-MOSFET off.
100ms
VDDI power reset or
EN1234 pin set to low
Current limit
(Step-Up
mode)
N-MOSFET
current > 0.8A
N-MOSFET off,
P-MOSFET off.
Automatic reset at
next clock cycle.
100ms
VDDI power reset or
EN1234 pin set to low
PVDD7 > 16V
(A0.OVP7 = 0)
CH7
WLED
PVDD7 OVP
PVDD7 > 25V
(A0.OVP7 = 1)
N-MOSFET off,
P-MOSFET off.
Shutdown CH7 by
self
No-delay
VDDI power reset and
A2.EN7_DIM7 [4:0]
reset or EN1234 pin
set to low
CH8 LDO
Max. output
current
(current limit)
P-MOSFET
current > 0.45A
(PVD6 = 3V, VO6 = 2.5V)
P-MOSFET off.
100ms
VDDI power reset or
EN1234 pin set to low
Thermal
Thermal
shutdown
Temperature > 155
°C
All channels stop
switching
No-delay
Temperature
< (155
− 20)°C
VIN UVLO
VIN < 3.3V
No-charge
No-delay
No latch
VIN
VIN OVP
VIN > 6.5V
No-charge
No-delay
No latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com