Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5021 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT5021
Description  Channels DC/DC PMU with Li-ion Battery Charger
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5021 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT5021 Datasheet HTML 1Page - Richtek Technology Corporation RT5021 Datasheet HTML 2Page - Richtek Technology Corporation RT5021 Datasheet HTML 3Page - Richtek Technology Corporation RT5021 Datasheet HTML 4Page - Richtek Technology Corporation RT5021 Datasheet HTML 5Page - Richtek Technology Corporation RT5021 Datasheet HTML 6Page - Richtek Technology Corporation RT5021 Datasheet HTML 7Page - Richtek Technology Corporation RT5021 Datasheet HTML 8Page - Richtek Technology Corporation RT5021 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 67 page
background image
RT5021
4
DS5021-01 April 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
WAKE
Wake-Up Impulse Push Pull Output. If VIN or BAT plug in, WAKE pin generates one
90ms-width high pulse to notify micro processor.
2
PVD1
Power Output pin of CH1. To make CH1 stable, the power path from the pin PVD1 to its
output capacitors must be as short (
≤1mm is better) and wide as possible to reduce its
parasitic inductance. The output capacitor must be ceramic capacitor (
≥20μF).
3
LX1
Switch Node of CH1.
4
CHG2
2nd Charger Status Indicator (Open Drain Output).
5
FB7
Feedback Input Pin of CH7 in Step-Up Mode or Current Regulator Mode
6
PVD7
Power Output Pin of CH7 in Step-Up or Power Input Pin of CH7 in Current Regulator
Mode.
7
LX7
Switch Node of CH7 in Step-Up Mode.
LX7 initial voltage determine CH7 operation mode.
8
CHG
Charger Status Indicator (Open Drain Output).
9
VO6
Power Output Pin of CH6.
10
PVD6
Power Input Pin of CH6.
11
FB4
Feedback Input Pin of CH4.
12
SEQ
Power Sequence Selection for CH1 to CH4.
13
LX4
Switch Node of CH4.
14
EN
Enable Pin of Power Converter Unit.
15
PVD45
Power Input Pin of CH4 and CH5. To avoid the crosstalk between CH4 and CH5, the
power path from the pin PVD45 to its input capacitors must be as short (
≤1mm is better)
and wide as possible to reduce its parasitic inductance. The input capacitance must be
≥10μF with low ESR.
16
LX5
Switch Node of CH5.
17
INT
Interrupt Indicator Open Drain Output. If events of NoBAT, THR, EOC, Battery
Temperature Change (TS_METER), PGOOD, SAFE, VIN DPM, or Charge Type
Detection Finishing (CHGRUN) happen, the output INT goes low and the INT bit in I
2C
register bank 0x9 is set to be “1”. After INT bit is written to be “0”, INT goes high.
18
VO5/FB5
Output Voltage Sense Pin or feedback network input pin of CH5. The function is
selected by I
2
C register.
19
PVD8
Power Input Pin of CH8.
20
SDA
Data Signal Pin of I
2
C Interface.
21
SCL
Clock Signal Pin of I
2C Interface.
22
VO8
Power Output Pin of CH8.
23
FB2
Feedback Input Pin of CH2.
24
VO2
Power Output Pin of CH2.
25
LX2B
Switch Node B of CH2.
26
LX2A
Switch Node A of CH2.
27
PVD2
Power Input Pin of CH2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com