Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5021 Datasheet(PDF) 28 Page - Richtek Technology Corporation

Part # RT5021
Description  Channels DC/DC PMU with Li-ion Battery Charger
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5021 Datasheet(HTML) 28 Page - Richtek Technology Corporation

Back Button RT5021 Datasheet HTML 24Page - Richtek Technology Corporation RT5021 Datasheet HTML 25Page - Richtek Technology Corporation RT5021 Datasheet HTML 26Page - Richtek Technology Corporation RT5021 Datasheet HTML 27Page - Richtek Technology Corporation RT5021 Datasheet HTML 28Page - Richtek Technology Corporation RT5021 Datasheet HTML 29Page - Richtek Technology Corporation RT5021 Datasheet HTML 30Page - Richtek Technology Corporation RT5021 Datasheet HTML 31Page - Richtek Technology Corporation RT5021 Datasheet HTML 32Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 67 page
background image
RT5021
28
DS5021-01 April 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Time (25ms/Div)
The Temperature of Battery Status
IBAT
(1A/Div)
VTS
(2V/Div)
Normal -> Too Hot (Current)
VBAT = Real Battery, 1.5A Mode
JEITA = 1, ISETH = 1,
ISETC = x
JEITA = 0, ISETH = 1, ISETC = 0,
or
JEITA = 0, ISETH = 1, ISETC = 1,
or
Time (25ms/Div)
The Temperature of Battery Status
VBAT
(2V/Div)
VTS
(2V/Div)
Normal -> Hot -> Too Hot (Voltage)
VBAT = Real Battery, 1.5A Mode
JEITA = 0, VSETH = 0, VSETC = 0,
or
JEITA = 0, VSETH = 0, VSETC = 1
Time (25ms/Div)
The Temperature of Battery Status
IBAT
(1A/Div)
VTS
(2V/Div)
Normal -> Cold -> Too Cold (Current)
VBAT = Real Battery, 1.5A Mode
JEITA = 0, ISETH = 0, ISETC = 0,
or
JEITA = 0, ISETH = 1, ISETC = 0
Time (25ms/Div)
The Temperature of Battery Status
VBAT
(2V/Div)
VTS
(2V/Div)
Normal -> Cold -> Too Cold (Voltage)
VBAT = Real Battery, 1.5A Mode
JEITA = 0, VSETH = 0, VSETC = 0,
or
JEITA = 0, VSETH = 1, VSETC = 0
Time (25ms/Div)
The Temperature of Battery Status
IBAT
(1A/Div)
VTS
(2V/Div)
Normal -> Too Cold (Current)
VBAT = Real Battery, 1.5A Mode
JEITA = 0, ISETH = 1, ISETC = 1,
or
JEITA = 0, ISETH = 0, ISETC = 1,
or
JEITA = 1, ISETH = 1, ISETC = x
Time (25ms/Div)
The Temperature of Battery Status
VBAT
(2V/Div)
VTS
(2V/Div)
Normal -> Too Hot (Voltage)
VBAT = Real Battery, 1.5A Mode
JEITA = 1, VSETH = 1,
VSETC = x
JEITA = 0, VSETH = 1, VSETC = 0,
or
JEITA = 0, VSETH = 1, VSETC = 1,
or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com