Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5021 Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT5021
Description  Channels DC/DC PMU with Li-ion Battery Charger
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5021 Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT5021 Datasheet HTML 4Page - Richtek Technology Corporation RT5021 Datasheet HTML 5Page - Richtek Technology Corporation RT5021 Datasheet HTML 6Page - Richtek Technology Corporation RT5021 Datasheet HTML 7Page - Richtek Technology Corporation RT5021 Datasheet HTML 8Page - Richtek Technology Corporation RT5021 Datasheet HTML 9Page - Richtek Technology Corporation RT5021 Datasheet HTML 10Page - Richtek Technology Corporation RT5021 Datasheet HTML 11Page - Richtek Technology Corporation RT5021 Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 67 page
background image
RT5021
8
DS5021-01 April 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Recommended Operating Conditions
(Note 4)
Supply Input Voltage, BAT ----------------------------------------------------------------------------------------------- 1.8V to 5.5V
Supply Input Voltage Range, VIN (A7.ISETL = 1) ------------------------------------------------------------------- 4.4V to 6V
Supply Input Voltage Range, VIN (A7.ISETL = 0) ------------------------------------------------------------------- 4.5V to 6V
Junction Temperature Range ---------------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range ---------------------------------------------------------------------------------------------
−40°C to 85°C
Electrical Characteristics
(VSYS = 3.3V, TA = 25
°C, unless otherwise specified)
Power Converter Unit :
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Voltage
PMU Startup Voltage at SYS
VST
For bootstrap
1.5
--
--
V
SYS Operating Voltage for PMU
VSYS
2.7
--
5.5
V
VDDI Over Voltage Protection
(OVP) (Hysteresis High)
5.82
6
6.18
V
VDDI OVP Hysteresis (Gap)
--
−0.25
--
V
VDDI UVLO (Hysteresis High)
VDDI UVLO takes effect once
CH2 soft-start finish
2.2
2.4
2.6
V
VDDI UVLO Hysteresis (Gap)
--
−0.3
--
V
Absolute Maximum Ratings
(Note 1)
Supply Voltages, SYS ----------------------------------------------------------------------------------------------------
−0.3V to 6V
Supply Input Voltage, VIN ------------------------------------------------------------------------------------------------
−0.3V to 28V
Switch Node Voltage, LX1, LX2, LX3, LX4, LX5 ----------------------------------------------------------------------
−0.3V to 6V
PVD7, LX7 --------------------------------------------------------------------------------------------------------------------
−0.3V to 25V
CHG ---------------------------------------------------------------------------------------------------------------------------
−0.3V to 28V
CHG2 --------------------------------------------------------------------------------------------------------------------------
−0.3V to 6V
Other Pins --------------------------------------------------------------------------------------------------------------------
−0.3V to 6V
INT, CHG, CHG2 Continuous Current ---------------------------------------------------------------------------------- 20mA
BAT Continuous Current (Total in two pins) -------------------------------------------------------------------------- 2.5A
Power Dissipation, PD @ TA = 25
°C
WQFN-40L 5x5 ------------------------------------------------------------------------------------------------------------- 3.64W
Package Thermal Resistance (Note 2)
WQFN-40L 5x5,
θJA -------------------------------------------------------------------------------------------------------- 27.5°C/W
WQFN-40L 5x5,
θJC ------------------------------------------------------------------------------------------------------- 6°C/W
Junction Temperature ------------------------------------------------------------------------------------------------------ 150
°C
Lead Temperature (Soldering, 10 sec.) -------------------------------------------------------------------------------- 260
°C
Storage Temperature Range ---------------------------------------------------------------------------------------------
−65°C to 125°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) ----------------------------------------------------------------------------------------------- 2kV
MM (Machine Model) ------------------------------------------------------------------------------------------------------ 200V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com