Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5021 Datasheet(PDF) 36 Page - Richtek Technology Corporation

Part # RT5021
Description  Channels DC/DC PMU with Li-ion Battery Charger
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5021 Datasheet(HTML) 36 Page - Richtek Technology Corporation

Back Button RT5021 Datasheet HTML 32Page - Richtek Technology Corporation RT5021 Datasheet HTML 33Page - Richtek Technology Corporation RT5021 Datasheet HTML 34Page - Richtek Technology Corporation RT5021 Datasheet HTML 35Page - Richtek Technology Corporation RT5021 Datasheet HTML 36Page - Richtek Technology Corporation RT5021 Datasheet HTML 37Page - Richtek Technology Corporation RT5021 Datasheet HTML 38Page - Richtek Technology Corporation RT5021 Datasheet HTML 39Page - Richtek Technology Corporation RT5021 Datasheet HTML 40Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 67 page
background image
RT5021
36
DS5021-01 April 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
VDDM Bootstrap
To support bootstrap function, the RT5021 provides a power selection circuit which selects the maximum voltage
between SYS and PVD1 to support the power requirement at node VDDI. The RT5021 includes UVLO circuits to
monitor VDDI and SYS voltage status.
Figure 3
Charger Unit
The RT5021 includes a Li-ion battery charger with Automatic Power Path Management. The charger is designed to
operate in below modes :
Pre-Charge Mode
When the output voltage is lower than 2.8V, the charging current will be reduced to a ratio of the fast-charge current
set by A8.ISETA [3:0] to protect the battery life-time. The timing diagram is showed in Figure 3.
Fast-Charge Mode
When the output voltage is higher than 3V, the charging current will be equal to the fast-charge current set by
A8.ISETA [3:0] shown as Figure 3.
Constant Voltage Mode
When the output voltage is near 4.2V and the charging current falls below the termination current for a deglitch time
of 25ms, the charger will be disabled and CHG will go high. The timing diagram is showed in Figure 3.
Re-Charge Mode
When the chip is in charge termination mode, the charging current gradually goes down to zero. Once the battery
voltage drops to below 4.1V for a deglitch time of 100ms, the charger will resume charging shown as Figure 3.
SYS
PVD1
VDDI = Max (SYS, PVD1)
4.16 to 4.2 to 4.23V
−40°C to 85°C
Battery Voltage
Charging Current
VPRECH
VRECH
ITERM2
If ISETL = 0, ISETU = 0
ITERMI = 3.3% x ICHG_FAST
If
ISETL = 1, ISETU = 1
ISETL = 0, ISETU = X
ITERMI = 10% x ICHG_FAST
Time
ICHG_PRE = 10% x ICHG_FAST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com