Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5021 Datasheet(PDF) 47 Page - Richtek Technology Corporation

Part # RT5021
Description  Channels DC/DC PMU with Li-ion Battery Charger
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5021 Datasheet(HTML) 47 Page - Richtek Technology Corporation

Back Button RT5021 Datasheet HTML 43Page - Richtek Technology Corporation RT5021 Datasheet HTML 44Page - Richtek Technology Corporation RT5021 Datasheet HTML 45Page - Richtek Technology Corporation RT5021 Datasheet HTML 46Page - Richtek Technology Corporation RT5021 Datasheet HTML 47Page - Richtek Technology Corporation RT5021 Datasheet HTML 48Page - Richtek Technology Corporation RT5021 Datasheet HTML 49Page - Richtek Technology Corporation RT5021 Datasheet HTML 50Page - Richtek Technology Corporation RT5021 Datasheet HTML 51Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 67 page
background image
RT5021
47
DS5021-01 April 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
I2C Register File
Address
Name
Register Address
Bit7
(MSB)
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
(LSB)
Meaning
RST_P
RST_C
OVP7
Reserved
ENDPM
TSD
MOD7
TSSEL
Default
1
0
0
X
0
0
0
1
A0
0x00
Read/Write
R/W
R/W
R/W
--
R/W
R/W
R
R/W
RT5021 would reset PMU-related registers under any one of the below two
conditions :
1) VDDI
< 1.3V
2) (EN pin = low and A0.RST_P = 1)
In the 2
nd
condition, RT5021 uses the register bit A0.RST_P to decide whether the
PMU-related registers are reset or not when EN pin goes low.
0 : Don’t reset register (0x3 to 0x6)
RST_P
1 : Reset register (0x3 to 0x6).
RT5021 would reset Charge-related register under any one of the below three
conditions :
1) VIN
< 4V
2) VDDI
< 1.3V
3) (BAT
< 3.1V) and (A0.RST_C = 1)
In the 3
rd
condition, RT5021 uses the register bit A0.RST_C to decide whether the
Charge-related registers are reset or not when BAT
< 3.1V.
0 : Don’t reset register (0x7 to 0x9).
RST_C
1 : Reset register (0x7 to 0x9)
CH7 allow user to select the OVP level by I
2
C interface
0 : 16V OVP
OVP7
1 : 25V OVP
Enable the charger VIN DPM function. But if VIN charger type is detected as SDP
(CHG_TYP [2:0] = 000), the DPM function always is enabled.
0 : VIN DPM function disabled
ENDPM
1 : VIN DPM function enabled.
Report whether thermal shutdown of PMU ever occurs. Reset it by writing 0 into
the bit or (VDDI < 1.3V).
0 : Thermal Shutdown has not occurred.
TSD
1 : Thermal Shutdown event ever occurs.
Report the result of CH7 mode detection.
0 : Current Source.
MOD7
1 : Boost.
TS/VP ratio setting for battery temperature.
0 : TS/VP = 60% (0°C), 28% (60°C)
TSSEL
1 : TS/VP = 74% (0°C), 28% (60°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com