Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5021 Datasheet(PDF) 38 Page - Richtek Technology Corporation

Part # RT5021
Description  Channels DC/DC PMU with Li-ion Battery Charger
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5021 Datasheet(HTML) 38 Page - Richtek Technology Corporation

Back Button RT5021 Datasheet HTML 34Page - Richtek Technology Corporation RT5021 Datasheet HTML 35Page - Richtek Technology Corporation RT5021 Datasheet HTML 36Page - Richtek Technology Corporation RT5021 Datasheet HTML 37Page - Richtek Technology Corporation RT5021 Datasheet HTML 38Page - Richtek Technology Corporation RT5021 Datasheet HTML 39Page - Richtek Technology Corporation RT5021 Datasheet HTML 40Page - Richtek Technology Corporation RT5021 Datasheet HTML 41Page - Richtek Technology Corporation RT5021 Datasheet HTML 42Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 67 page
background image
RT5021
38
DS5021-01 April 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Battery Installation Detection
RT5021 also detects TS voltage to monitor the battery status. If PMU is enabled but TS voltage > 90% of VP node
voltage, RT5021 sets the bit
NoBAT = 1 an I2C register A10.NoBAT and sets A9.INT bit to
“1”.
1
No Battery Installed (TS > 90% of VP)
NoBAT
0
BAT Installed
0
VIN < VUVLO
0
VUVLO < VIN < VBAT + VOS_L
1
VBAT + VOS_H < VIN < VOVP
PGOOD
0
VIN > VOVP
VIN Power Good Status
End_Of_Charge (EOC) Status
The bit EOC in I
2C register A10.EOC can show the EOC status. If EOC = 1, the charger is in EOC state and A9.INT bit
is set to
“1”
1
Charging Done or Recharging after Termination
EOC
0
During Charging
Wake-Up Detector
Wake-Up Detector detects VIN or BAT plug-in events. Once BAT plugs in or VIN plugs in for a 19msec deglitch time, the
WAKE pin will provide a 90ms width high pulse. The timing diagram shows as below.
When PMU is enabled, WAKE UP impulse would be masked off. WAKE impulse width 90ms can not be cut by EN = H
90ms
90ms
WAKE
EN
No WAKE
impulse
BAT plug in
BAT exists
VIN plug in
BAT/VIN plug in
VIN
90ms
90ms
3.1V
BAT
BAT > 3.1V
BAT > 3.1V WAKE Up
VIN > 3.75V when BAT > 3.1V
WAKE Up
3.1V
WAKE
20ms
<90ms
2.82V
VIN > 3.75V
3.75V
BAT < 2.82V (3.1V - 0.28V)
when VIN < 3.51V (3.75V - 0.24V)
Disable WAKE Up Suddenly



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com