Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5021 Datasheet(PDF) 55 Page - Richtek Technology Corporation

Part # RT5021
Description  Channels DC/DC PMU with Li-ion Battery Charger
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5021 Datasheet(HTML) 55 Page - Richtek Technology Corporation

Back Button RT5021 Datasheet HTML 51Page - Richtek Technology Corporation RT5021 Datasheet HTML 52Page - Richtek Technology Corporation RT5021 Datasheet HTML 53Page - Richtek Technology Corporation RT5021 Datasheet HTML 54Page - Richtek Technology Corporation RT5021 Datasheet HTML 55Page - Richtek Technology Corporation RT5021 Datasheet HTML 56Page - Richtek Technology Corporation RT5021 Datasheet HTML 57Page - Richtek Technology Corporation RT5021 Datasheet HTML 58Page - Richtek Technology Corporation RT5021 Datasheet HTML 59Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 67 page
background image
RT5021
55
DS5021-01 April 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
TS Meter [2:0]
TS
TS Meter
[2:0] = 011
0°C
10°C
45°C
60°C
TS Meter
[2:0] = 001
TS Meter
[2:0] = 000
TS Meter
[2:0] = 100
TS Meter
[2:0] = 110
VP < 0.8V
(VP UVLO)
TS Meter [2:0]
= 010
Address
Name
Register Address
Bit7
(MSB)
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
(LSB)
Meaning
TS_METER [2:0]
NoBAT
EOC
PGOOD
THR
SAFE
Default
0
0
0
0
0
0
0
0
A10
0x0A
Read/Write
R
R
R
R
R
R
R
R
Reports the battery temperature and VP status by detecting the TS pin voltage.
TS_METER [2:0]
Note : when PMU turns on, it would check TS_Meter [2:0] and compare to the
value 000. If it is different, INT would be asserted. After PMU is on, once any bits
of TS_Meter [2:0] toggles, INT also asserts again.
Means the battery installed or not.
0 : BAT Installed
1 : No Battery Installed (TS > 90% of VP)
NoBAT
Note : when PMU turns on, it would check the bit NoBAT and compare to the value
0. If it is different, INT would be asserted. After PMU is on, once NoBAT bit
toggles, INT also asserts again.
End of charge (EOC) bit show the charge status. If EOC = 1 means the charger is
in EOC status.
0 : During Charging
1 : Charging Done or Recharging after Termination
EOC
Note: when PMU turns on, it would check the bit EOC and compare to the value 0.
If it is different, INT would be asserted. After PMU is on, once EOC bit toggles, INT
also asserts again.
PGOOD bit means the VIN power status.
Input Status
PGOOD Bit Status
VIN < VUVLO
0
VUVLO < VIN < VBAT +
VOS_L
0
VBAT + VOS_H < VIN <
VOVP
1
VIN > VOVP
0
PGOOD
Note : when PMU turns on, it would check the bit PGOOD and compare to the
value 0. If it is different, INT would be asserted. After PMU is on, once PGOOD bit
toggles, INT also asserts again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com