Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5021 Datasheet(PDF) 58 Page - Richtek Technology Corporation

Part # RT5021
Description  Channels DC/DC PMU with Li-ion Battery Charger
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5021 Datasheet(HTML) 58 Page - Richtek Technology Corporation

Back Button RT5021 Datasheet HTML 54Page - Richtek Technology Corporation RT5021 Datasheet HTML 55Page - Richtek Technology Corporation RT5021 Datasheet HTML 56Page - Richtek Technology Corporation RT5021 Datasheet HTML 57Page - Richtek Technology Corporation RT5021 Datasheet HTML 58Page - Richtek Technology Corporation RT5021 Datasheet HTML 59Page - Richtek Technology Corporation RT5021 Datasheet HTML 60Page - Richtek Technology Corporation RT5021 Datasheet HTML 61Page - Richtek Technology Corporation RT5021 Datasheet HTML 62Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 67 page
background image
RT5021
58
DS5021-01 April 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Address
Name
Register
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Meaning
TSHT [1:0]
Mask_DPM CHG2STEN
ISETA [3:0]
Default
0
0
0
1
0
1
0
0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
A8
0x08
Reset
Condition
D
D
D
D
D
D
D
D
Meaning
JEITA
VSETH
VSETC
ISETH
ISETC
CHGSTEN
INT
DPM
Default
0
0
0
0
0
1
0
0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R
A9
0x09
Reset
Condition
D
D
D
D
D
D
E
D
Meaning
TS_METER [2:0]
NoBAT
EOC
PGOOD
THR
SAFE
Default
0
0
0
0
0
0
0
0
Read/Write
R
R
R
R
R
R
R
R
A10
0x0A
Reset
Condition
I
I
I
I
J
J
J
J
Meaning
CHG_TYP [2:0]
Reserved Reserved
CHG_
2DET
CHG_
1DET
CHGRUN
Default
0
0
0
x
x
0
1
0
Read/Write
R
R
R
--
--
R/W
R/W
R
A11
0x0B
Reset
Condition
K
K
K
G
G
F
F
L
I2C register reset condition :
A. In addition to A0.bit 1 and A0.bit4, the bits of A0 and A1 (register 0x0, 0x1) reset only when (VRTC < 1.6V).
B. The bits of A2 (register 0x2) and A4.bit3 reset when (EN pin = low) or (VDDI < 2.4V) or (BAT < 1.3V) or (Temperature
> 125
°C)
C. In addition to A4.bit3, PMU settings (A3 to A6, register 0x3 to 0x6) reset when (EN pin = low and A0.RST_P = 1) or
(VDDI < 1.3V)
VDDI < 1.3V
EN pin
A0.RST_P bit
==>
Reset PMU Setting
TRUE
x
x (don’t care)
Reset
Low
1
Reset
High
1
Not reset
Low
0
Not reset
False (VDDI > 1.3V)
High
0
Not reset
D. In addition to A9.bit 1, charger settings (A7 to A9, registers (0x7 to 0x9) reset when (VIN < 4V) or (VDDI < 1.3V) or
((BAT < 3.1V) and (A0.RST_C = 1))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com