Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5021 Datasheet(PDF) 59 Page - Richtek Technology Corporation

Part # RT5021
Description  Channels DC/DC PMU with Li-ion Battery Charger
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5021 Datasheet(HTML) 59 Page - Richtek Technology Corporation

Back Button RT5021 Datasheet HTML 55Page - Richtek Technology Corporation RT5021 Datasheet HTML 56Page - Richtek Technology Corporation RT5021 Datasheet HTML 57Page - Richtek Technology Corporation RT5021 Datasheet HTML 58Page - Richtek Technology Corporation RT5021 Datasheet HTML 59Page - Richtek Technology Corporation RT5021 Datasheet HTML 60Page - Richtek Technology Corporation RT5021 Datasheet HTML 61Page - Richtek Technology Corporation RT5021 Datasheet HTML 62Page - Richtek Technology Corporation RT5021 Datasheet HTML 63Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 67 page
background image
RT5021
59
DS5021-01 April 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
CHG
CHG2
CHGSTEN = 0
CHG2STEN = 0
Charging Status
CHGSTEN = 1
A5. bit7 = 1 A5. bit7 = 0
CHG2STEN = 1
A5. bit3 = 1 A5. bit3 = 0
No
Charging/Charging Finish
High impedance
(No flashing)
High impedance
(No flashing)
Pre-Charge/Fast Charge
0.5Hz (2s)
Low
Abnormal
(Fault timer timeout,
in thermal regulation,
battery too cold or too hot)
4Hz (0.25s)
High
impedance
Low
4Hz(0.25s)
High
impedance
Low
CHG Signal Status
VDDI < 1.3V
VIN > 4V
A0.RST_C bit
(BAT < 3.1V)
==> Reset Charger Setting
true (VDDI < 1.3V)
x
x
x
Reset
false (VDDI > 1.3V)
False (VIN < 4V)
x
x
Reset
false (VDDI > 1.3V)
True (VIN > 4V)
1
TRUE
Reset
false (VDDI > 1.3V)
True (VIN > 4V)
1
FALSE
Not reset
false (VDDI > 1.3V)
True (VIN > 4V)
0
TRUE
Not reset
false (VDDI > 1.3V)
True (VIN > 4V)
0
FALSE
Not reset
E. (EN pin = low) or (VDDI < 1.3V)
F. Charger type detection A11 (registers 0xB) reset when (VIN < 4V) or (VDDI < 1.3V)
G. Always reset.
H. A0.bit1 will be reset when (EN pin = low) or (VDDI < 2.4V) or (BAT < 1.3V) or (PMU protection occur) or (Temperature
< 125
°C).
I. A0.bit1 will be reset when (EN pin = low) or (VDDI < 2.4V) or (BAT < 1.3V) or (In addition to CH7 OVP, PMU protection
occur) or (Temperature < 125
°C).
J. Reference page-54 A10 explanation.
K. A11.bit7 to bit5 will be rewritten after charging type detects finish.
L. A11.bit0 keeps high during charging type detecting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com