Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5021 Datasheet(PDF) 57 Page - Richtek Technology Corporation

Part # RT5021
Description  Channels DC/DC PMU with Li-ion Battery Charger
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5021 Datasheet(HTML) 57 Page - Richtek Technology Corporation

Back Button RT5021 Datasheet HTML 53Page - Richtek Technology Corporation RT5021 Datasheet HTML 54Page - Richtek Technology Corporation RT5021 Datasheet HTML 55Page - Richtek Technology Corporation RT5021 Datasheet HTML 56Page - Richtek Technology Corporation RT5021 Datasheet HTML 57Page - Richtek Technology Corporation RT5021 Datasheet HTML 58Page - Richtek Technology Corporation RT5021 Datasheet HTML 59Page - Richtek Technology Corporation RT5021 Datasheet HTML 60Page - Richtek Technology Corporation RT5021 Datasheet HTML 61Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 67 page
background image
RT5021
57
DS5021-01 April 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Address
Name
Register
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Meaning
RST_P
RST_C
OVP7
Reserved
ENDPM
TSD
MOD7
TSSEL
Default
1
0
0
x
0
0
0
1
Read/Write
R/W
R/W
R/W
--
R/W
R/W
R
R/W
A0
0x00
Reset
Condition
A
A
A
G
A
A
H
A
Meaning
ERR1
ERR2
ERR3
ERR4
ERR5
ERR6
ERR7
ERR8
Default
0
0
0
0
0
0
0
0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
A1
0x01
Reset
Condition
A
A
A
A
A
A
A
A
Meaning
EN5
EN6
EN8
EN7_DIM7 [4:0]
Default
0
0
0
0
0
0
0
0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
A2
0x02
Reset
Condition
B
B
B
B
B
B
B
B
Meaning
PSM1
PSM2
PSM3
PSM4
VOUT8 [3:0]
Default
1
1
1
1
1
1
0
0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
A3
0x03
Reset
Condition
C
C
C
C
C
C
C
C
Meaning
VOUT1 [3:0]
EN1
FB2 [2:0]
Default
1
0
1
0
0
1
0
0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
A4
0x04
Reset
Condition
C
C
C
C
B
C
C
C
Meaning
FLST
FB3[2:0]
FLST2
FB4[2:0]
Default
1
1
0
0
1
1
0
0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
A5
0x05
Reset
Condition
C
C
C
C
C
C
C
C
Meaning
VOUT5 [3:0]
VOUT6 [3:0]
Default
1
0
0
0
0
0
1
1
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
A6
0x06
Reset
Condition
C
C
C
C
C
C
C
C
Meaning
TIMER [3:0]
ENCH
USUS
ISETU
ISETL
Default
0
1
0
0
0
0
0
0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
A7
0x07
Reset
Condition
D
D
D
D
D
D
D
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com