Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5021 Datasheet(PDF) 15 Page - Richtek Technology Corporation

Part # RT5021
Description  Channels DC/DC PMU with Li-ion Battery Charger
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5021 Datasheet(HTML) 15 Page - Richtek Technology Corporation

Back Button RT5021 Datasheet HTML 11Page - Richtek Technology Corporation RT5021 Datasheet HTML 12Page - Richtek Technology Corporation RT5021 Datasheet HTML 13Page - Richtek Technology Corporation RT5021 Datasheet HTML 14Page - Richtek Technology Corporation RT5021 Datasheet HTML 15Page - Richtek Technology Corporation RT5021 Datasheet HTML 16Page - Richtek Technology Corporation RT5021 Datasheet HTML 17Page - Richtek Technology Corporation RT5021 Datasheet HTML 18Page - Richtek Technology Corporation RT5021 Datasheet HTML 19Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 67 page
background image
RT5021
15
DS5021-01 April 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Charge Termination Detection
Termination Current Ratio to
Fast Charge (Except USB 100
Mode)
ITERM
A7.ISETL = 0, A7.ISETU = 1
Or A7.ISETL = 1, A7.ISETU = X
5
10
15
%
Termination Current Ratio to
Fast Charge (USB100 Mode)
ITERM2
A7.ISETL = 0, A7.ISETU = 0
--
3.3
--
%
Login Input/Output
CHG Pull Down Voltage
VCHG
ICHG = 5mA
--
200
--
mV
CHG2 Pull Down Voltage
VCHG2
ICHG2 = 5mA
--
200
--
mV
INT Pull Down Voltage
VINT
IINT = 5mA
--
200
--
mV
Protection
Thermal Regulation Point
TREG
--
125
--
°C
Thermal Shutdown
Temperature
TSD
--
155
--
°C
Thermal Shutdown Hysteresis
ΔT
SD
--
20
--
°C
Over Voltage Protection
VOVP
VIN Rising
6.25
6.5
6.75
V
Over Voltage Protection
Hysteresis
ΔVOVP
VIN = 7V to 5V, VOVP − ΔVOVP
--
100
--
mV
Output Short Circuit Detection
Threshold
VSHORT
VBAT
− VSYS
--
300
--
mV
Battery Installation Detection
Threshold at TS
EN = H (PMU enabled), report at
A10. NoBAT bit
--
90
--
% of
VP
Time
Input Over Voltage Blanking
Time
tOVP
--
50
--
μs
Pre-Charge to Fast-Charge
Deglitch Time
tPF
--
25
--
ms
Fast-Charge to Pre-Charge
Deglitch Time
tFP
--
25
--
ms
Termination Deglitch Time
tTERMI
--
25
--
ms
Recharge Deglitch Time
tRECHG
--
100
--
ms
Input Power Loss to SYS LDO
Turn-Off Delay Time
tNO_IN
--
25
--
ms
Pack Temperature Fault
Detection Deglitch Time
tTS
--
25
--
ms
Short Circuit Deglitch Time
tSHORT
--
250
--
μs
Short Circuit Recovery Time
tSHORT-R
--
64
--
ms
Other
VP Regulation Voltage
VVP
VSYS = 4.2V
3.234
3.3
3.366
V
VP Load Regulation
VVP
VP source out 2mA
--
--
−0.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com