Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5021 Datasheet(PDF) 41 Page - Richtek Technology Corporation

Part # RT5021
Description  Channels DC/DC PMU with Li-ion Battery Charger
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5021 Datasheet(HTML) 41 Page - Richtek Technology Corporation

Back Button RT5021 Datasheet HTML 37Page - Richtek Technology Corporation RT5021 Datasheet HTML 38Page - Richtek Technology Corporation RT5021 Datasheet HTML 39Page - Richtek Technology Corporation RT5021 Datasheet HTML 40Page - Richtek Technology Corporation RT5021 Datasheet HTML 41Page - Richtek Technology Corporation RT5021 Datasheet HTML 42Page - Richtek Technology Corporation RT5021 Datasheet HTML 43Page - Richtek Technology Corporation RT5021 Datasheet HTML 44Page - Richtek Technology Corporation RT5021 Datasheet HTML 45Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 67 page
background image
RT5021
41
DS5021-01 April 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Battery Pack Temperature Monitoring
The battery pack temperature monitoring function can be realized by connecting the TS pin to an external Negative
Temperature Coefficient (NTC) thermal resistor to prevent over temperature condition. Charging is suspended when the
voltage at the TS pin is out of normal operating range. The internal timer is then paused, but the value is maintained.
When the TS pin voltage returns to normal operating range, charging will resume and the safe charge timer will continue
to count down from the point where it was suspended. Note that although charging is suspended due to the battery pack
temperature fault, the CHG pin will flash at 0.5Hz and indicate charging.
The 3.3V at VP pin is buffered by the RT5021 once it is in charging state or its PMU part is enabled. If a 100k
Ω NTC
thermal resistor is used, the A0.TSSEL bit should be set to
“1”. If a 10kΩ NTC thermal resistor is used, the A0.TSSEL
bit should be set to
“0”. The TSSEL bit determines the TS threshold levels for 0°C and 60°C. It also defines the TS
threshold levels used in JEITA operation. The choosing method of R1 and R2 to meet battery temperature monitoring
shows as below.
Case 2 : TSSEL = L (For 10k
Ω NTC) :
Figure 5
Case 1 : TSSEL = H (For 100k
Ω NTC) :
0.74 x VP
+
-
+
-
VP
Too Cold
Too Hot
TS
R1
R2
RNTC
VP
0.28 x VP
Figure 4
--------------------------------------- (1)
----------------------------------------- (2)
---------------------------------------------- (3)
------------------------------------------ (1)
------------------------------------------ (2)
------------------------------------------------- (3)
()
×−
×−
COLD
COLD
HOT
HOT
COLD
HOT
HOT
COLD
COLD
COLD
COLD
R2 + R
= 0.6
R+R1+R2
R2 + R
= 0.28
R+R1+R2
Form (1), (2)
R1 = 0.9
R
R
R2 = 0.388 R1 R
If R2 < 0
R
= 0.6
R+R1
Form (3)
R
R1 =
R
0.6
Too Cold Temperature
RCOLD = RNTC
Too Hot Temperature
RHOT = RNTC
Too Cold Temperature
RCOLD = RNTC
Too Hot Temperature
RHOT = RNTC
COLD
COLD
HOT
HOT
COLD
HOT
HOT
COLD
COLD
COLD
COLD
R2 R
= 0.74
RR1 R2
R2 R
= 0.28
RR1 R2
Form (1), (2)
RR
R1 =
2.457
R2 = 0.389 R1 R
If R2 < 0
R
= 0.74
RR1
Form (3)
R
R1 =
R
0.74
+
++
+
++
×−
+
0.6 x VP
+
-
+
-
VP
Too Cold
Too Hot
TS
R1
R2
RNTC
VP
0.28 x VP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com