Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5021 Datasheet(PDF) 42 Page - Richtek Technology Corporation

Part # RT5021
Description  Channels DC/DC PMU with Li-ion Battery Charger
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5021 Datasheet(HTML) 42 Page - Richtek Technology Corporation

Back Button RT5021 Datasheet HTML 38Page - Richtek Technology Corporation RT5021 Datasheet HTML 39Page - Richtek Technology Corporation RT5021 Datasheet HTML 40Page - Richtek Technology Corporation RT5021 Datasheet HTML 41Page - Richtek Technology Corporation RT5021 Datasheet HTML 42Page - Richtek Technology Corporation RT5021 Datasheet HTML 43Page - Richtek Technology Corporation RT5021 Datasheet HTML 44Page - Richtek Technology Corporation RT5021 Datasheet HTML 45Page - Richtek Technology Corporation RT5021 Datasheet HTML 46Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 67 page
background image
RT5021
42
DS5021-01 April 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
The Control Temperature Used in JEITA Operation
The above calculation gives R1 and R2. JEITA control thresholds for full charging current and 4.2V regulation voltage are
at TS/VP ratio = 32% and 52% (for TSSEL = L), 35% and 64% (for TSSEL = H). With the ratio, the corresponding NTC
thermistor resistances from the resistors in the voltage divider circuit can be obtained. According to the NTC resistances,
the corresponding temperatures can be found. The two temperatures are the control temperatures used in JEITA operation.
Operation State Diagram for TS Pin (TSSEL = H)
Any State
74% x VVP < VTS < 2.85V
Or VTS < 28% x VVP
No
Yes
VTS > 2.85V
No
Yes
TS fault State
ICHG = 0A
CHG 4Hz flash rate
Battery Remove State
ICHG = 0A
CHG 4Hz flash rate
Power Switch
For the charger, there are three power scenarios :
When a battery and an external power supply (USB or adapter) are connected simultaneously
If the system required load exceeds the input current limit, the battery will be used to supplement the current to the
load. However, if the system load is less than the input current limit, the excess power from the external power supply
will be used to charge the battery.
When only the battery is connected to the system
The battery provides the power to the system.
When only an external power supply is connected to the system
The external power supply provides the power to the system.
Input DPM Mode
For the charger, the input voltage is monitored when USB100 or USB500 is selected. If the input voltage is lower than
VDPM, the input current limit will be reduced to stop the input voltage from dropping further. This can prevent the IC from
damaging improperly configured or inadequately designed USB sources.
If VIN charger type is detected as SDP, the DPM function always is enabled.
For other types, the DPM function always is disabled but user can set A0.ENDPM to turn on the DPM function.
Enable the charger VIN DPM function. But if VIN charger type is detected as SDP
(CHG_TYP [2:0] = 000), the DPM function always is enabled.
0 : VIN DPM function disabled.
ENDPM
1 : VIN DPM function enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com