Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5021 Datasheet(PDF) 61 Page - Richtek Technology Corporation

Part # RT5021
Description  Channels DC/DC PMU with Li-ion Battery Charger
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5021 Datasheet(HTML) 61 Page - Richtek Technology Corporation

Back Button RT5021 Datasheet HTML 57Page - Richtek Technology Corporation RT5021 Datasheet HTML 58Page - Richtek Technology Corporation RT5021 Datasheet HTML 59Page - Richtek Technology Corporation RT5021 Datasheet HTML 60Page - Richtek Technology Corporation RT5021 Datasheet HTML 61Page - Richtek Technology Corporation RT5021 Datasheet HTML 62Page - Richtek Technology Corporation RT5021 Datasheet HTML 63Page - Richtek Technology Corporation RT5021 Datasheet HTML 64Page - Richtek Technology Corporation RT5021 Datasheet HTML 65Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 67 page
background image
RT5021
61
DS5021-01 April 2013
www.richtek.com
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
USB Charger Detection
Primary Charger Type Detection (CHG_1DET) : Detection Time
200ms
Yes
Dedicated or
High current
Host/Hub
Standard USB port
UVLO < VIN < OVP
& VIN - VBAT > 50mV
& 30msec Deglitch time
Initial state
USUS = 0
ENCH = 0
ISETL = 0
ISETU = 0
CHG_1DET = 1
CHG_2DET = 0
No
No
Set 0.5A mode
USUS = 0
ENCH = 0
ISETL = 0
ISETU = 1
System is Wake-up
then disable Wake-up
function and set
charging type.
Set charger
Condition by
I
2
C
Data Contact
Detect
Yes
> 512ms
Data Contact OK
Write
DCD_T = 1
Yes
No
Yes
D+ = VDP_SRC
D- > VDAT_REF
& D- <VLGC
No
Set 100mA mode
USUS = 0
ENCH = 0
ISETL = 0
ISETU = 0
SONY/APPLE
CHARGER DETECTION
Special
Charger
No
Yes
PMU Turn On
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com