Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5021 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT5021
Description  Channels DC/DC PMU with Li-ion Battery Charger
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5021 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT5021 Datasheet HTML 1Page - Richtek Technology Corporation RT5021 Datasheet HTML 2Page - Richtek Technology Corporation RT5021 Datasheet HTML 3Page - Richtek Technology Corporation RT5021 Datasheet HTML 4Page - Richtek Technology Corporation RT5021 Datasheet HTML 5Page - Richtek Technology Corporation RT5021 Datasheet HTML 6Page - Richtek Technology Corporation RT5021 Datasheet HTML 7Page - Richtek Technology Corporation RT5021 Datasheet HTML 8Page - Richtek Technology Corporation RT5021 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
RT5021
®
DS5021-01 April 2013
www.richtek.com
1
Copyright
2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
6 + 3 Channels DC/DC PMU with Li-ion Battery Charger
for CMOS DSC/DV
General Description
The RT5021 is a complete power supply solution for digital
still cameras and other hand held devices. The RT5021 is
composed of a multi-channel DC/DC power converter unit,
a single-cell linear Li-ion battery charger, a charger type
detector, and an I
2C control interface.
The power converter unit includes one synchronous step-
up converter (CH1), one synchronous step-up/down
converter (CH2), three synchronous step-down converters
(CH3/4/5), two LDOs with input power as low as 1.5V
(CH6/8), one WLED driver in synchronous high-voltage
step-up mode or low-voltage current regulator mode (CH7),
and a keep-alive LDO (CH9) for RTC application. All
converters are internally frequency compensated and
integrate power MOSFETs. The power converter unit
provides complete protection functions : over current,
thermal shutdown, over voltage, and under voltage
protection. RT5021 has a WAKEUP impulse generation
circuitry to monitor VIN or BAT installation event. To fulfill
most of applications, RT5021 has six preset power on/off
sequences.
The battery charger includes Auto Power Path
Management (APPM). No external MOSFETs are required.
The charger can enter sleep mode when power is removed.
Simplified Application Circuit
Charging tasks are optimized by using a control algorithm
to vary the charge rate, including pre-charge mode, fast
charge mode and constant voltage mode. The charge
current can also be programmed via the I2C control
interface. The battery regulation voltage and current can
be adjusted by JEITA standard temperature control or other
schemes set via the I2C interface. The internal thermal
feedback circuitry regulates the die temperature to optimize
the charge rate for all ambient temperatures. The charging
task will always be terminated in constant voltage mode
when the charging current reduces to the termination
current of 10% x ICHG_FAST. The charger includes under
voltage and over voltage protection for the supply input
voltage, VIN. The charger includes USB charger detection
circuitry via D+ and D- pins of USB interface to detect
USB standard downstream ports (SDP), USB charging
downstream port (CDP), dedicated charger port (DCP),
or Apple/Sony charger ports. RT5021 uses some
indicators to show charger states : two open drain ports
CHG and CHG2, and an interrupt (INT) to immediately notify
the state change.
RT5021 has I2C interface to control rich functions of Power
Converter Unit and Charger Unit. The RT5021 is available
in the WQFN-40L 5x5 package.
VIN
SYS
GND
PVD1
Adapter/USB
RT5021
SCL
SDA
I
2
C Control
VO2
LX3
LX4
LX5
VO6
PVD7
VO8
VRTC
Step-Up for Motor
Step-Up/Down for I/O
Step-Down for Core
Step-Down for Memory
Step-Down
LDO
Step-Up for LED Backlight
LDO
LDO for RTC
System Power
BAT
Charger for Battery


Similar Part No. - RT5021

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT5028 RICHTEK-RT5028 Datasheet
615Kb / 40P
Integrated PMIC
RT5028A RICHTEK-RT5028A Datasheet
512Kb / 41P
RoHS Compliant and Halogen Free
RT5028B RICHTEK-RT5028B Datasheet
505Kb / 41P
Embedded 32Bytes MTP for Factory Tuning
RT5028C RICHTEK-RT5028C Datasheet
495Kb / 40P
PMIC for Industrial Application
RT5028C RICHTEK-RT5028C Datasheet
624Kb / 41P
Integrated PMIC
More results

Similar Description - RT5021

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX2203 MICROSEMI-LX2203 Datasheet
187Kb / 11P
Li-Ion Battery Charger
logo
Kingbor Technology Co
KB4054 KINGBOR-KB4054 Datasheet
142Kb / 15P
Li-Ion Battery Charger
KB4540 KINGBOR-KB4540 Datasheet
151Kb / 15P
Li-Ion Battery Charger
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
Li-ion Battery Charger
May 16, 2007
logo
Richtek Technology Corp...
RT5002 RICHTEK-RT5002 Datasheet
788Kb / 40P
7 1 Channel DC/DC PMU with Li-Ion Battery Charger for DSC
logo
Intersil Corporation
ISL9205IRZ INTERSIL-ISL9205IRZ Datasheet
515Kb / 14P
Li-ion Battery Charger
July 28, 2010
logo
Global Mixed-mode Techn...
G2241B GMT-G2241B Datasheet
98Kb / 1P
46 Channels PMU and Dual-input, Switch mode Li-ion Battery Charger
G2206 GMT-G2206 Datasheet
117Kb / 1P
63 Channels PMU and Li-ion Battery Charger for DSC
logo
Renesas Technology Corp
ISL9205 RENESAS-ISL9205_V01 Datasheet
788Kb / 17P
Li-ion Battery Charger
Dec 20, 2018
logo
Hotchip Technology Co.,...
HT4906 HOTCHIP-HT4906 Datasheet
579Kb / 11P
Li-ion Battery Charger
Ver1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com